データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8233CB-EBZ データシート(PDF) 5 Page - Analog Devices

部品番号 AD8233CB-EBZ
部品情報  Fitness and activity heart rate monitors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8233CB-EBZ データシート(HTML) 5 Page - Analog Devices

  AD8233CB-EBZ Datasheet HTML 1Page - Analog Devices AD8233CB-EBZ Datasheet HTML 2Page - Analog Devices AD8233CB-EBZ Datasheet HTML 3Page - Analog Devices AD8233CB-EBZ Datasheet HTML 4Page - Analog Devices AD8233CB-EBZ Datasheet HTML 5Page - Analog Devices AD8233CB-EBZ Datasheet HTML 6Page - Analog Devices AD8233CB-EBZ Datasheet HTML 7Page - Analog Devices AD8233CB-EBZ Datasheet HTML 8Page - Analog Devices AD8233CB-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
AD8233
Data Sheet
Rev. 0 | Page 4 of 29
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Slew Rate
SR
0.01
V/μs
Voltage Noise Density (RTI)
en
f = 1 kHz
120
nV/√Hz
Peak-to-Peak Voltage Noise (RTI)
en p-p
f = 0.1 Hz to 10 Hz
7
μV p-p
f = 0.5 Hz to 40 Hz
9
μV p-p
RIGHT LEG DRIVE AMPLIFIER (A2)
Quiescent Supply Current
7.5
10
μA
Output Swing
RL = 50 kΩ
0.1
+VS − 0.1
V
Short-Circuit Current
IOUT
11
mA
Integrator Input Resistor
120
150
180
Gain Bandwidth Product
GDP
20
kHz
REFERENCE BUFFER (A3)
Offset Error
VOS
RL > 50 kΩ
1
mV
Input Bias Current
IB
100
pA
Short-Circuit Current Limit
IOUT
12
mA
Voltage Range
RL = 50 kΩ
0.1
+VS − 0.7
V
DC LEADS OFF COMPARATORS
Threshold Voltage
+VS − 0.27
V
Hysteresis
125
mV
Propagation Delay
1.5
μs
AC LEADS OFF DETECTOR
Square Wave Frequency
fAC
50
100
175
kHz
Square Wave Amplitude
IAC
200
nA p-p
Input Currents in Shutdown Mode2
IDC
+IN, SDN = low
250
nA
−IN, SDN = low
−300
nA
Impedance Threshold
Between +IN and −IN, SDN = high
10
20
Detection Delay
100
μs
FAST RESTORE CIRCUIT
Switches
S1 and S2
On Resistance
RON
8
10
12
Off Leakage
100
pA
Window Comparator
Threshold Voltage
From either rail
100
mV
Propagation Delay
2
μs
Switch Timing Characteristics
Feedback Recovery Switch On Time
tS1
+VS = 3 V
160
ms
+VS = 1.8 V
80
Filter Recovery Switch On Time
tS2
+VS = 3 V
80
ms
+VS = 1.8 V
40
Fast Restore Reset
tRST
+VS = 3 V
3
μs
+VS = 1.8 V
1.5
LOGIC INTERFACE
Input Characteristics
Input Voltage (AC/DC, FR, and
RLD SDN)
Low
VIL
0.41 × +VS
V
High
VIH
0.45 × +VS
V
Input Voltage (SDN)
Low
VIL
0.6 × +VS
V
High
VIH
0.3 × +VS
V
Output Characteristics
LOD terminal
Output Voltage
RL = 100 kΩ
Low
VOL
0.05
V
High
VOH
+VS − 0.05
V


同様の部品番号 - AD8233CB-EBZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8233CB-EBZ AD-AD8233CB-EBZ Datasheet
365Kb / 12P
   Easy mode selection with switches
More results

同様の説明 - AD8233CB-EBZ

メーカー部品番号データシート部品情報
logo
Texas Instruments
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
logo
Silicon Laboratories
BLE112 SILABS-BLE112 Datasheet
737Kb / 34P
   Heart rate sensors
logo
Texas Instruments
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
[Old version datasheet]   AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
logo
Weltrend Semiconductor
WTD0007 WELTREND-WTD0007 Datasheet
97Kb / 5P
   HEART RATE SIGNAL DETECTOR
logo
Texas Instruments
AFE4403 TI-AFE4403_15 Datasheet
1Mb / 97P
[Old version datasheet]   AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
logo
STMicroelectronics
GG25L STMICROELECTRONICS-GG25L Datasheet
586Kb / 28P
   Fitness and healthcare
February 2014 Rev 1
logo
Silicon Laboratories
EFR32MG1X232 SILABS-EFR32MG1X232 Datasheet
1Mb / 80P
   Sports and Fitness
logo
Pixart Imaging Inc.
PAH8001EI-2G PIXART-PAH8001EI-2G Datasheet
1Mb / 5P
   Optical Heart Rate Detection Sensor
logo
OSRAM GmbH
SFH7015 OSRAM-SFH7015 Datasheet
1Mb / 18P
   Health Monitoring (Heart Rate Monitoring,
logo
Analog Devices
MAX86165 AD-MAX86165 Datasheet
229Kb / 2P
   Miniature Optical Heart Rate Module
19-101722; Rev 0; 06/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com