データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5675RARUZ データシート(PDF) 4 Page - Analog Devices

部品番号 AD5675RARUZ
部品情報  Base station power amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5675RARUZ データシート(HTML) 4 Page - Analog Devices

  AD5675RARUZ Datasheet HTML 1Page - Analog Devices AD5675RARUZ Datasheet HTML 2Page - Analog Devices AD5675RARUZ Datasheet HTML 3Page - Analog Devices AD5675RARUZ Datasheet HTML 4Page - Analog Devices AD5675RARUZ Datasheet HTML 5Page - Analog Devices AD5675RARUZ Datasheet HTML 6Page - Analog Devices AD5675RARUZ Datasheet HTML 7Page - Analog Devices AD5675RARUZ Datasheet HTML 8Page - Analog Devices AD5675RARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD5671R/AD5675R
Data Sheet
Rev. B | Page 4 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS2
Input Current
±1
µA
Per pin
Input Voltage
Low, VINL
0.3 × VLOGIC
V
High, VINH
0.7 × VLOGIC
V
Pin Capacitance
3
pF
LOGIC OUTPUTS (SDA)2
Output Voltage
Low, VOL
0.4
V
ISINK = 200 μA
High, VOH
VLOGIC − 0.4
V
ISOURCE = 200 μA
Floating State Output Capacitance
4
pF
POWER REQUIREMENTS
VLOGIC
1.8
5.5
V
ILOGIC
3
µA
Power-on, −40°C + 105°C
3
µA
Power-on, −40°C + 125°C
3
µA
Power-down, −40°C + 105°C
3
µA
Power-down, −40°C + 125°C
VDD
2.7
5.5
V
Gain = 1
VREF + 1.5
5.5
V
Gain = 2
IDD
VIH = VDD, VIL = GND, VDD = 2.7 V to 5.5 V
Normal Mode9
1.1
1.26
mA
Internal reference off, −40°C to +85°C
1.8
2.0
mA
Internal reference on, −40°C to +85°C
1.1
1.3
mA
Internal reference off
1.8
2.1
mA
Internal reference on
All Power-Down Modes10
1
1.7
µA
Tristate to 1 kΩ, −40°C to +85°C
1
1.7
µA
Power down to 1 kΩ, −40°Cto +85°C
1
2.5
µA
Tristate, −40°C to +105°C
1
2.5
µA
Power down to 1 kΩ, −40°C to +105°C
1
5.5
µA
Tristate to 1 kΩ, −40°C to +125°C
1
5.5
µA
Power down to 1 kΩ, −40°C to +125°C
1
DC specifications tested with the outputs unloaded, unless otherwise noted. Upper dead band = 10 mV and exists only when VREF = VDD with gain = 1, or when VREF/2 =
VDD with gain = 2. Linearity calculated using a reduced code range of 12 to 4080.
2
Guaranteed by design and characterization; not production tested.
3
Together, Channel 0, Channel 1, Channel 2, and Channel 3 can source/sink 40 mA. Similarly, together, Channel 4, Channel 5, Channel 6, and Channel 7 can source/sink
40 mA up to a junction temperature of 125°C.
4
VDD = 5 V. The devices include current limiting to protect the devices during temporary overload conditions. Junction temperature can be exceeded during current
limit. Operation above the specified maximum operation junction temperature may impair device reliability.
5
When drawing a load current at either rail, the output voltage headroom with respect to that rail is limited by the 25 Ω typical channel resistance of the output
devices. For example, when sinking 1 mA, the minimum output voltage = 25 Ω × 1 mA = 25 mV.
6
Initial accuracy presolder reflow is ±750 µV; output voltage includes the effects of preconditioning drift. See the Internal Reference and Amplifier Gain Selection
section.
7
Reference is trimmed and tested at two temperatures and is characterized from −40°C to +125°C.
8
Reference temperature coefficient calculated as per the box method. See the Terminology section for further information.
9
Interface inactive. All DACs active. DAC outputs unloaded.
10
All DACs powered down.


同様の部品番号 - AD5675RARUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5675R AD-AD5675R Datasheet
1Mb / 28P
   Easy implementation
More results

同様の説明 - AD5675RARUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5675 AD-AD5675 Datasheet
884Kb / 27P
   Base station power amplifiers
logo
NIHON DEMPA KOGYO
NV13M09WS NDK-NV13M09WS Datasheet
683Kb / 1P
   Personal Radio Base Station and 5G Base Station
logo
Oscilent Corporation
820-IF63.0M-A OSCILENT-820-IF63.0M-A Datasheet
132Kb / 1P
   Base Station & Repeater
820-IF70.0M-A OSCILENT-820-IF70.0M-A Datasheet
141Kb / 2P
   Base Station & Repeater
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y Datasheet
146Kb / 2P
   Base Station & Repeater
820-IF72.5M-A OSCILENT-820-IF72.5M-A Datasheet
145Kb / 2P
   Base Station & Repeater
820-IF75.0M-A OSCILENT-820-IF75.0M-A Datasheet
143Kb / 2P
   Base Station & Repeater
820-IF77.5M-A OSCILENT-820-IF77.5M-A Datasheet
144Kb / 2P
   Base Station & Repeater
820-IF82.0M-A OSCILENT-820-IF82.0M-A Datasheet
130Kb / 1P
   Base Station & Repeater
827-IF115.0M-B OSCILENT-827-IF115.0M-B Datasheet
137Kb / 2P
   Base Station & Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com