データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5675RARUZ データシート(PDF) 10 Page - Analog Devices

部品番号 AD5675RARUZ
部品情報  Base station power amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5675RARUZ データシート(HTML) 10 Page - Analog Devices

Back Button AD5675RARUZ Datasheet HTML 6Page - Analog Devices AD5675RARUZ Datasheet HTML 7Page - Analog Devices AD5675RARUZ Datasheet HTML 8Page - Analog Devices AD5675RARUZ Datasheet HTML 9Page - Analog Devices AD5675RARUZ Datasheet HTML 10Page - Analog Devices AD5675RARUZ Datasheet HTML 11Page - Analog Devices AD5675RARUZ Datasheet HTML 12Page - Analog Devices AD5675RARUZ Datasheet HTML 13Page - Analog Devices AD5675RARUZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD5671R/AD5675R
Data Sheet
Rev. B | Page 10 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 4. TSSOP Pin Configuration
Figure 5. LFCSP Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
TSSOP
LFCSP
1
19
VOUT1
Analog Output Voltage from DAC 1. The output amplifier has rail-to-rail operation.
2
20
VOUT0
Analog Output Voltage from DAC 0. The output amplifier has rail-to-rail operation.
N/A1
0
EPAD
Exposed Pad. The exposed pad must be tied to GND.
3
1
VDD
Power Supply Input. These devices operate from 2.7 V to 5.5 V. Decouple the VDD supply with a 10 μF
capacitor in parallel with a 0.1 μF capacitor to GND.
4
2
VLOGIC
Digital Power Supply. The voltage on this pin ranges from 1.8 V to 5.5 V.
5
3
SCL
Serial Clock Line. In conjunction with the SDA line, this pin clocks data into or out of the 24-bit input shift
register.
6
4
A0
Address Input. Sets the first LSB of the 7-bit slave address.
7
5
A1
Address Input. Sets the second LSB of the 7-bit slave address.
8
GAIN
Span Set Pin. When this pin is tied to GND, all eight DAC outputs have a span from 0 V to VREF. If this pin is
tied to VLOGIC, all eight DACs output a span of 0 V to 2 × VREF.
9
6
VOUT7
Analog Output Voltage from DAC 7. The output amplifier has rail-to-rail operation.
10
7
VOUT6
Analog Output Voltage from DAC 6. The output amplifier has rail-to-rail operation.
11
8
VOUT5
Analog Output Voltage from DAC 5. The output amplifier has rail-to-rail operation.
12
9
VOUT4
Analog Output Voltage from DAC 4. The output amplifier has rail-to-rail operation.
N/A1
10, 16
NIC
No Internal Connection.
13
11
GND
Ground Reference Point for All Circuitry on the Device.
14
RSTSEL
Power-On Reset Pin. Tie this pin to GND to power up all eight DACs to zero scale. Tie this pin to VLOGIC to
power up all eight DACs to midscale.
15
12
LDAC
Load DAC. LDAC operates in two modes, asynchronously and synchronously. Pulsing this pin low updates
any or all DAC registers if the input registers have new data, which simultaneously updates all DAC outputs.
This pin can also be tied permanently low.
16
13
SDA
Serial Data Input. In conjunction with the SCL line, this pin clocks data into or out of the 24-bit input shift
register. SDA is a bidirectional, open-drain data line that must be pulled to the supply with an external
pull-up resistor.
17
14
RESET
Asynchronous Reset Input. The RESET input is falling edge sensitive. When RESET is low, all LDAC pulses are
ignored. When RESET is activated, the input register and the DAC register are updated with zero scale or
midscale, depending on the state of the RSTSEL pin.
18
15
VREFOUT
Reference Output Voltage. When using the internal reference, this is the reference output pin. This pin is
the reference output by default.
19
17
VOUT3
Analog Output Voltage from DAC 3. The output amplifier has rail-to-rail operation.
20
18
VOUT2
Analog Output Voltage from DAC 2. The output amplifier has rail-to-rail operation.
1 N/A means not applicable.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VOUT0
VDD
VLOGIC
A1
A0
SCL
VOUT1
VOUT3
VREFOUT
RESET
RSTSEL
LDAC
SDA
VOUT6
VOUT7
GAIN
VOUT5
VOUT4
GND
VOUT2
TOP VIEW
(Not to Scale)
AD5671R/
AD5675R
14
13
12
1
3
4
RESET
15 VREFOUT
SDA
LDAC
11 GND
VDD
SCL
2
VLOGIC
A0
5
A1
NOTES
1. NIC = NO INTERNAL CONNECTION.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE TIED TO GND.
AD5671R/AD5675R
TOP VIEW
(Not to Scale)


同様の部品番号 - AD5675RARUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5675R AD-AD5675R Datasheet
1Mb / 28P
   Easy implementation
More results

同様の説明 - AD5675RARUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5675 AD-AD5675 Datasheet
884Kb / 27P
   Base station power amplifiers
logo
NIHON DEMPA KOGYO
NV13M09WS NDK-NV13M09WS Datasheet
683Kb / 1P
   Personal Radio Base Station and 5G Base Station
logo
Oscilent Corporation
820-IF63.0M-A OSCILENT-820-IF63.0M-A Datasheet
132Kb / 1P
   Base Station & Repeater
820-IF70.0M-A OSCILENT-820-IF70.0M-A Datasheet
141Kb / 2P
   Base Station & Repeater
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y Datasheet
146Kb / 2P
   Base Station & Repeater
820-IF72.5M-A OSCILENT-820-IF72.5M-A Datasheet
145Kb / 2P
   Base Station & Repeater
820-IF75.0M-A OSCILENT-820-IF75.0M-A Datasheet
143Kb / 2P
   Base Station & Repeater
820-IF77.5M-A OSCILENT-820-IF77.5M-A Datasheet
144Kb / 2P
   Base Station & Repeater
820-IF82.0M-A OSCILENT-820-IF82.0M-A Datasheet
130Kb / 1P
   Base Station & Repeater
827-IF115.0M-B OSCILENT-827-IF115.0M-B Datasheet
137Kb / 2P
   Base Station & Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com