データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5675RBRUZ データシート(PDF) 8 Page - Analog Devices

部品番号 AD5675RBRUZ
部品情報  Base station power amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5675RBRUZ データシート(HTML) 8 Page - Analog Devices

Back Button AD5675RBRUZ Datasheet HTML 4Page - Analog Devices AD5675RBRUZ Datasheet HTML 5Page - Analog Devices AD5675RBRUZ Datasheet HTML 6Page - Analog Devices AD5675RBRUZ Datasheet HTML 7Page - Analog Devices AD5675RBRUZ Datasheet HTML 8Page - Analog Devices AD5675RBRUZ Datasheet HTML 9Page - Analog Devices AD5675RBRUZ Datasheet HTML 10Page - Analog Devices AD5675RBRUZ Datasheet HTML 11Page - Analog Devices AD5675RBRUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD5671R/AD5675R
Data Sheet
Rev. B | Page 8 of 32
TIMING CHARACTERISTICS
VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ 5.5 V, all specifications −40°C to +125°C, unless otherwise noted.
Table 5.
Parameter1, 2
Min
Max
Unit
Description
t1
0.92
µs
SCL cycle time
t2
0.11
µs
tHIGH, SCL high time
t3
0.44
µs
tLOW, SCL low time
t4
0.04
µs
tHD,STA, start/repeated start hold time
t5
40
ns
tSU,DAT, data setup time
t63
−0.04
µs
tHD,DAT, data hold time
t7
−0.045
µs
tSU,STA, repeated start setup time
t8
0.195
µs
tSU,STO, stop condition setup time
t9
0.12
µs
tBUF, bus free time between a stop condition and a start condition
t104
0
ns
tR, rise time of SCL and SDA when receiving
t114, 5
20 + 0.1CB
ns
tF, fall time of SCL and SDA when transmitting/receiving
t12
20
ns
LDAC pulse width
t13
0.4
ns
SCL rising edge to LDAC rising edge
t14
4.8
ns
RESET minimum pulse width low, 1.8 V ≤ VLOGIC ≤ 2.7 V
6.2
ns
RESET minimum pulse width low, 2.7 V ≤ VLOGIC ≤ 5.5 V
t15
132
ns
RESET activation time, 1.8 V ≤ VLOGIC ≤ 2.7 V
80
ns
RESET activation time, 2.7 V ≤ VLOGIC ≤ 5.5 V
tSP6
0
ns
Pulse width of suppressed spike
CB5
400
pF
Capacitive load for each bus line
1
See Figure 2.
2
Guaranteed by design and characterization; not production tested.
3
A master device must provide a hold time of at least 300 ns for the SDA signal (referred to the minimum VIH of the SCL signal) to bridge the undefined region of the
SCL falling edge.
4
tR and tF are measured from 0.3 × VDD to 0.7 × VDD.
5
CB is the total capacitance of one bus line in pF.
6
Input filtering on the SCL and SDA inputs suppresses noise spikes that are less than 50 ns.
Timing Diagrams
Figure 2. 2-Wire Serial Interface Timing Diagram
Figure 3. RESET Timing Diagram
SCL
SDA
t1
t3
LDAC1
LDAC2
START
CONDITION
REPEATED START
CONDITION
STOP
CONDITION
NOTES
1ASYNCHRONOUS LDAC UPDATE MODE.
2SYNCHRONOUS LDAC UPDATE MODE.
t4
t6
t5
t7
t8
t2
t13
t4
t11
t10
t12
t12
t9
RESET
t14
t15
VOUTx


同様の部品番号 - AD5675RBRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5675R AD-AD5675R Datasheet
1Mb / 28P
   Easy implementation
More results

同様の説明 - AD5675RBRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5675 AD-AD5675 Datasheet
884Kb / 27P
   Base station power amplifiers
logo
NIHON DEMPA KOGYO
NV13M09WS NDK-NV13M09WS Datasheet
683Kb / 1P
   Personal Radio Base Station and 5G Base Station
logo
Oscilent Corporation
820-IF63.0M-A OSCILENT-820-IF63.0M-A Datasheet
132Kb / 1P
   Base Station & Repeater
820-IF70.0M-A OSCILENT-820-IF70.0M-A Datasheet
141Kb / 2P
   Base Station & Repeater
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y Datasheet
146Kb / 2P
   Base Station & Repeater
820-IF72.5M-A OSCILENT-820-IF72.5M-A Datasheet
145Kb / 2P
   Base Station & Repeater
820-IF75.0M-A OSCILENT-820-IF75.0M-A Datasheet
143Kb / 2P
   Base Station & Repeater
820-IF77.5M-A OSCILENT-820-IF77.5M-A Datasheet
144Kb / 2P
   Base Station & Repeater
820-IF82.0M-A OSCILENT-820-IF82.0M-A Datasheet
130Kb / 1P
   Base Station & Repeater
827-IF115.0M-B OSCILENT-827-IF115.0M-B Datasheet
137Kb / 2P
   Base Station & Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com