データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADRF6820-EVALZ データシート(PDF) 8 Page - Analog Devices

部品番号 ADRF6820-EVALZ
部品情報  Internal LO frequency range
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADRF6820-EVALZ データシート(HTML) 8 Page - Analog Devices

Back Button ADRF6820-EVALZ Datasheet HTML 4Page - Analog Devices ADRF6820-EVALZ Datasheet HTML 5Page - Analog Devices ADRF6820-EVALZ Datasheet HTML 6Page - Analog Devices ADRF6820-EVALZ Datasheet HTML 7Page - Analog Devices ADRF6820-EVALZ Datasheet HTML 8Page - Analog Devices ADRF6820-EVALZ Datasheet HTML 9Page - Analog Devices ADRF6820-EVALZ Datasheet HTML 10Page - Analog Devices ADRF6820-EVALZ Datasheet HTML 11Page - Analog Devices ADRF6820-EVALZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
ADRF6820
Data Sheet
Rev. C | Page 8 of 45
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO A
GROUND PLANE WITH LOW THERMAL IMPEDANCE.
TOP VIEW
(Not to Scale)
ADRF6820
VPOS_3P3
GND
GND
I+
I–
Q–
Q+
GND
GND
DECL1
VPOS_3P3
RFIN0
GND
DECL2
GND
GND
ENBL
GND
RFIN1
VPOS_5V
1
2
3
4
5
6
7
8
9
10
23
24
25
26
27
28
29
30
22
21
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 19, 30, 31, 36
VPOS_3P3
3.3 V Power Supply.
2, 3, 8, 9, 23, 25, 26, 28, 38
GND
Ground.
4, 5
I+, I−
Differential Baseband Outputs, I Channel.
6, 7
Q−, Q+
Differential Baseband Outputs, Q Channel.
10
DECL1
Decoupling for Mixer Load. Connect a 0.22 µF capacitor from DECL1 to GND.
11, 21
VPOS_5V
5 V Power Supply.
12
VOCM
Reference Voltage Input. This pin sets the output common-mode level.
13
SDIO
SPI Data.
14
SCLK
SPI Clock.
15
CS
Chip Select, Active Low.
16
MUXOUT
Multiplexer Output. Output pin providing the PLL reference signal or the PLL lock
detect.
17, 18
LOOUT+, LOOUT−
Differential LO Outputs.
20
RFSW
RF Switch Select. Selects between RFIN0 and RFIN1.
22, 29
RFIN1, RFIN0
RF Inputs. Single pole, double throw switch input.
24
ENBL
Enable, Active High.
27, 33
DECL2, DECL3
VCO LDO Decoupling.
32
VTUNE
VCO Tuning Voltage Input.
34, 35
LOIN−, LOIN+
Differential LO Inputs.
37
CP
PLL Charge Pump Output.
39
REFIN
PLL Reference Input.
40
DECL4
2.5 V LDO Decoupling.
EPAD
Exposed Pad. The exposed pad must be connected to a ground plane with low thermal
impedance.


同様の部品番号 - ADRF6820-EVALZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADRF6821 AD-ADRF6821 Datasheet
1Mb / 61P
   450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
ADRF6821-EVALZ AD-ADRF6821-EVALZ Datasheet
1Mb / 61P
   450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
ADRF6821ACPZ AD-ADRF6821ACPZ Datasheet
1Mb / 61P
   450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
ADRF6821ACPZ-RL7 AD-ADRF6821ACPZ-RL7 Datasheet
1Mb / 61P
   450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
More results

同様の説明 - ADRF6820-EVALZ

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX9993EVKIT MAXIM-MAX9993EVKIT Datasheet
251Kb / 7P
   1400MHz to 2000MHz LO Frequency
Rev 0; 11/02
logo
Leshan Radio Company
LR4558 LRC-LR4558_15 Datasheet
255Kb / 7P
   Internal Frequency Compensation
logo
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
XUL IDT-XUL Datasheet
220Kb / 12P
   Frequency range
XUO IDT-XUO Datasheet
214Kb / 12P
   Frequency range
XUQ IDT-XUQ Datasheet
213Kb / 12P
   Frequency range
XLP IDT-XLP Datasheet
299Kb / 11P
   Frequency range
XUN IDT-XUN Datasheet
215Kb / 12P
   Frequency range
XUP IDT-XUP Datasheet
214Kb / 12P
   Frequency range
logo
Z-Communications, Inc
PSA1650A ZCOMM-PSA1650A Datasheet
86Kb / 2P
   Frequency Range:
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com