データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7447231331 データシート(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 7447231331
部品情報  WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447231331 データシート(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447231331 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447231331 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447231331 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447231331 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447231331 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447231331 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1.0
REV
2015-04-14
DATE
SSt
BY
MaKa
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TIF Radial Leaded Wire Wound
Inductor with 4 Pins
Order.- No.
7447231331
SIZE
A4
Size: 1018
1. General Customer Responsibility
Some goods within the product range of Würth Elektronik eiSos GmbH & Co. KG contain statements regarding general suitability for certain
application areas. These statements about suitability are based on our knowledge and experience of typical requirements concerning the are-
as, serve as general guidance and cannot be estimated as binding statements about the suitability for a customer application. The responsibi-
lity for the applicability and use in a particular customer design is always solely within the authority of the customer. Due to this fact it is up to
the customer to evaluate, where appropriate to investigate and decide whether the device with the specific product characteristics described
in the product specification is valid and suitable for the respective customer application or not.
2. Customer Responsibility related to Specific, in particular Safety-Relevant Applications
It has to be clearly pointed out that the possibility of a malfunction of electronic components or failure before the end of the usual lifetime can-
not be completely eliminated in the current state of the art, even if the products are operated within the range of the specifications.
In certain customer applications requiring a very high level of safety and especially in customer applications in which the malfunction or failure
of an electronic component could endanger human life or health it must be ensured by most advanced technological aid of suitable design of
the customer application that no injury or damage is caused to third parties in the event of malfunction or failure of an electronic component.
Therefore, customer is cautioned to verify that data sheets are current before placing orders. The current data sheets can be downloaded at
www.we-online.com.
3. Best Care and Attention
Any product-specific notes, cautions and warnings must be strictly observed. Any disregard will result in the loss of warranty.
4. Customer Support for Product Specifications
Some products within the product range may contain substances which are subject to restrictions in certain jurisdictions in order to serve spe-
cific technical requirements. Necessary information is available on request. In this case the field sales engineer or the internal sales person in
charge should be contacted who will be happy to support in this matter.
5. Product R&D
Due to constant product improvement product specifications may change from time to time. As a standard reporting procedure of the Product
Change Notification (PCN) according to the JEDEC-Standard inform about minor and major changes. In case of further queries regarding the
PCN, the field sales engineer or the internal sales person in charge should be contacted. The basic responsibility of the customer as per Secti-
on 1 and 2 remains unaffected.
6. Product Life Cycle
Due to technical progress and economical evaluation we also reserve the right to discontinue production and delivery of products. As a stan-
dard reporting procedure of the Product Termination Notification (PTN) according to the JEDEC-Standard we will inform at an early stage about
inevitable product discontinuance. According to this we cannot guarantee that all products within our product range will always be available.
Therefore it needs to be verified with the field sales engineer or the internal sales person in charge about the current product availability ex-
pectancy before or when the product for application design-in disposal is considered.
The approach named above does not apply in the case of individual agreements deviating from the foregoing for customer-specific products.
7. Property Rights
All the rights for contractual products produced by Würth Elektronik eiSos GmbH & Co. KG on the basis of ideas, development contracts as
well as models or templates that are subject to copyright, patent or commercial protection supplied to the customer will remain with Würth
Elektronik eiSos GmbH & Co. KG.
Würth Elektronik eiSos GmbH & Co. KG does not warrant or represent that any license, either expressed or implied, is granted under any pa-
tent right, copyright, mask work right, or other intellectual property right relating to any combination, application, or process in which Würth
Elektronik eiSos GmbH & Co. KG components or services are used.
8. General Terms and Conditions
Unless otherwise agreed in individual contracts, all orders are subject to the current version of the “General Terms and Conditions of Würth
Elektronik eiSos Group”, last version available at www.we-online.com.
J Important Notes:
The following conditions apply to all goods within the product range of
Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 7447231331

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7447231332 WURTH-7447231332 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
More results

同様の説明 - 7447231331

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7447211102 WURTH-7447211102 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447211472 WURTH-7447211472 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447221102 WURTH-7447221102 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447221682 WURTH-7447221682 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447231103 WURTH-7447231103 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
1.0 2015-04-14
7447221103 WURTH-7447221103 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447211332 WURTH-7447211332 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447211681 WURTH-7447211681 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447221472 WURTH-7447221472 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447211221 WURTH-7447211221 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com