データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7403-8BRIZ データシート(PDF) 6 Page - Analog Devices

部品番号 AD7403-8BRIZ
部品情報  16-Bit, Isolated Sigma-Delta Modulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7403-8BRIZ データシート(HTML) 6 Page - Analog Devices

Back Button AD7403-8BRIZ Datasheet HTML 2Page - Analog Devices AD7403-8BRIZ Datasheet HTML 3Page - Analog Devices AD7403-8BRIZ Datasheet HTML 4Page - Analog Devices AD7403-8BRIZ Datasheet HTML 5Page - Analog Devices AD7403-8BRIZ Datasheet HTML 6Page - Analog Devices AD7403-8BRIZ Datasheet HTML 7Page - Analog Devices AD7403-8BRIZ Datasheet HTML 8Page - Analog Devices AD7403-8BRIZ Datasheet HTML 9Page - Analog Devices AD7403-8BRIZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
AD7403
Rev. B | Page 5 of 24
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD1
4.5
5.5
V
VDD2
3
5.5
V
IDD1
30
33.5
mA
VDD1 = 5.5 V
IDD2
13
16
mA
VDD2 = 5.5 V
6.5
8
mA
VDD2 = 3.3 V
Power Dissipation
237
272
mW
VDD1 = VDD2 = 5.5 V
187
211
mW
VDD1 = 5.5 V, VDD2 = 3.3 V
1 For fMCLKIN > 16 MHz, mark space ratio is 48/52 to 52/48, VDD1 = 5 V ± 5%.
2 See the Terminology section.
3 Not production tested. Sample tested during initial release to ensure compliance.
TIMING SPECIFICATIONS
VDD1 = 4.5 V to 5.5 V, VDD2 = 3 V to 5.5 V, TA = −40°C to +105°C (AD7403-8) or −40°C to +125°C (AD7403), unless otherwise noted.
Sample tested during initial release to ensure compliance. It is recommended to read MDAT on the MCLKIN rising edge.
Table 3.
Parameter
Limit at TMIN, TMAX
Unit
Description
Min
Typ
Max
fMCLKIN
5
MHz
Master clock input frequency
20
MHz
t11
Data access time after MCLKIN rising edge
40
ns
VDD2 = 4.5 V to 5.5 V
45
ns
VDD2 = 3 V to 3.6 V, AD7403
42
ns
VDD2 = 3 V to 3.6 V, AD7403-8
t21
Data hold time after MCLKIN rising edge
12
ns
VDD2 = 4.5 V to 5.5 V
17
ns
VDD2 = 3 V to 3.6 V
t3
Master clock low time
0.45 × tMCLKIN
ns
fMCLKIN ≤ 16 MHz
0.48 × tMCLKIN
ns
16 MHz < fMCLKIN ≤ 20 MHz
t4
Master clock high time
0.45 × tMCLKIN
ns
fMCLKIN ≤ 16 MHz
0.48 × tMCLKIN
ns
16 MHz < fMCLKIN ≤ 20 MHz
1 Defined as the time required from an 80% MCLKIN input level to when the output crosses 0.8 V or 2.0 V for VDD2 = 3 V to 3.6 V or when the output crosses 0.8 V or 0.7 ×
VDD2 for VDD2 = 4.5 V to 5.5 V as outlined in Figure 2. Measured with a ±200 μA load and a 25 pF load capacitance.
MCLKIN
MDAT
1SEE NOTE 1 OF TABLE 3 FOR FURTHER DETAILS.
t4
t1
t2
t3
80%
2.0V OR 0.7 × VDD21
0.8V
Figure 2. Data Timing


同様の部品番号 - AD7403-8BRIZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400 Datasheet
444Kb / 20P
   Isolated Sigma-Delta Modulator
REV. A
AD7400 AD-AD7400 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
AD7400 AD-AD7400 Datasheet
395Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. H
AD7400A AD-AD7400A Datasheet
326Kb / 19P
   Isolated Sigma-Delta Modulator
Rev. PrA
More results

同様の説明 - AD7403-8BRIZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7402 AD-AD7402 Datasheet
519Kb / 20P
   16-Bit, Isolated Sigma-Delta Modulator
ADUM7701 AD-ADUM7701 Datasheet
485Kb / 22P
   16-Bit, Isolated, Sigma-Delta Modulator
ADUM7702 AD-ADUM7702 Datasheet
493Kb / 22P
   16-Bit, Isolated, Sigma-Delta Modulator
ADUM7704 AD-ADUM7704 Datasheet
384Kb / 22P
   16-Bit, Isolated, Sigma-Delta Modulator
AD7405 AD-AD7405 Datasheet
367Kb / 20P
   16-Bit, Isolated Sigma-Delta Modulator, LVDS Interface
Rev. A
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401 Datasheet
462Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com