データシートサーチシステム |
|
AD9142A-M5375-EBZ データシート(PDF) 1 Page - Analog Devices |
|
AD9142A-M5375-EBZ データシート(HTML) 1 Page - Analog Devices |
1 / 73 page Dual, 16-Bit, 1600 MSPS, TxDAC+ Digital-to-Analog Converter Data Sheet AD9142A Rev. A Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2013–2014 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES Supports input data rate up to 575 MHz Very small inherent latency variation: <2 DAC clock cycles Proprietary low spurious and distortion design 6-carrier GSM ACLR = 79 dBc at 200 MHz IF SFDR > 85 dBc (bandwidth = 300 MHz) at ZIF Flexible 16-bit LVDS interface Supports word and byte load Data interface DLL Sample error detection and parity Multiple chip synchronization Fixed latency and data generator latency compensation Selectable 2×, 4×, 8× interpolation filter Low power architecture fS/4 power saving coarse mixer Input signal power detection Emergency stop for downstream analog circuitry protection FIFO error detection On-chip numeric control oscillator allows carrier placement anywhere in the DAC Nyquist bandwidth Transmit enable function for extra power saving High performance, low noise PLL clock multiplier Digital gain and phase adjustment for sideband suppression Digital inverse sinc filter Low power: 1.8 W at 1.6 GSPS, 1.5 W at 1.25 GSPS, full operating conditions 72-lead LFCSP APPLICATIONS Wireless communications: 3G/4G and MC-GSM base stations, wideband repeaters, software defined radios Wideband communications: point-to-point, LMDS/MMDS Transmit diversity/MIMO Instrumentation Automated test equipment GENERAL DESCRIPTION The AD9142A is a dual, 16-bit, high dynamic range digital-to- analog converter (DAC) that provides a sample rate of 1600 MSPS, permitting a multicarrier generation up to the Nyquist frequency. The AD9142A TxDAC+® includes features optimized for direct conversion transmit applications, including complex digital mod- ulation, input signal power detection, and gain, phase, and offset compensation. The DAC outputs are optimized to interface seam- lessly with analog quadrature modulators, such as the ADL537x F-MOD series and the ADRF670x series from Analog Devices, Inc. A 3-wire serial port interface provides for the programming/ readback of many internal parameters. Full-scale output current can be programmed over a range of 9 mA to 33 mA. The AD9142A is available in a 72-lead LFCSP. PRODUCT HIGHLIGHTS 1. Wide signal bandwidth (BW) enables emerging wideband and multiband wireless applications. 2. Advanced low spurious and distortion design techniques provide high quality synthesis of wideband signals from baseband to high intermediate frequencies. 3. Very small inherent latency variation simplifies both software and hardware design in the system. It allows easy multichip synchronization for most applications. 4. New low power architecture improves power efficiency (mW/MHz/channel) by 30%. 5. Input signal power and FIFO error detection simplify designs for downstream analog circuitry protection. 6. Programmable transmit enable function allows easy design balance between power consumption and wakeup time. |
同様の部品番号 - AD9142A-M5375-EBZ |
|
同様の説明 - AD9142A-M5375-EBZ |