データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9144 データシート(PDF) 7 Page - Analog Devices

部品番号 AD9144
部品情報  Multiple chip synchronization
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9144 データシート(HTML) 7 Page - Analog Devices

Back Button AD9144 Datasheet HTML 3Page - Analog Devices AD9144 Datasheet HTML 4Page - Analog Devices AD9144 Datasheet HTML 5Page - Analog Devices AD9144 Datasheet HTML 6Page - Analog Devices AD9144 Datasheet HTML 7Page - Analog Devices AD9144 Datasheet HTML 8Page - Analog Devices AD9144 Datasheet HTML 9Page - Analog Devices AD9144 Datasheet HTML 10Page - Analog Devices AD9144 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 126 page
background image
AD9144
Data Sheet
Rev. A | Page 6 of 125
DIGITAL SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V, VTT = 1.2 V,
TA = −40°C to +85°C, IOUTFS = 20 mA, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CMOS INPUT LOGIC LEVEL
Input Voltage (VIN) Logic
High
1.8 V
 IOVDD  3.3 V
0.7 × IOVDD
V
Low
1.8 V
 IOVDD  3.3 V
0.3 × IOVDD
V
CMOS OUTPUT LOGIC LEVEL
Output Voltage (VOUT) Logic
High
1.8 V
 IOVDD  3.3 V
0.75 × IOVDD
V
Low
1.8 V
 IOVDD  3.3 V
0.25 × IOVDD
V
MAXIMUM DAC UPDATE RATE1
1× interpolation2 (see Table 4)
1060
MSPS
2× interpolation3
2120
MSPS
4× interpolation
2800
MSPS
8× interpolation
2800
MSPS
ADJUSTED DAC UPDATE RATE
1× interpolation
1060
MSPS
2× interpolation
1060
MSPS
4× interpolation
700
MSPS
8× interpolation
350
MSPS
INTERFACE4
Number of JESD204B Lanes
8
Lanes
JESD204B Serial Interface Speed
Minimum
Per lane
1.44
Gbps
Maximum
Per lane, SVDD12 = 1.3 V ± 2%
10.6
Gbps
DAC CLOCK INPUT (CLK+, CLK−)
Differential Peak-to-Peak Voltage
400
1000
2000
mV
Common-Mode Voltage
Self biased input, ac-coupled
600
mV
Maximum Clock Rate
2800
MHz
REFCLK Frequency (PLL Mode)
6.0 GHz ≤ fVCO ≤ 12.0 GHz
35
1000
MHz
SYSTEM REFERENCE INPUT
(SYSREF+, SYSREF−)
Differential Peak-to-Peak
Voltage
400
1000
2000
mV
Common-Mode Voltage
0
2000
mV
SYSREF± Frequency5
fDATA/(K × S)
Hz
SYSREF TO DAC CLOCK6
SYSREF differential swing = 0.4 V, slew
rate = 1.3 V/ns, common modes tested:
ac-coupled, 0 V, 0.6 V, 1.25 V, 2.0 V
Setup Time
tSSD
131
ps
Hold Time
tHSD
119
ps
Keep Out Window
KOW
20
ps
SPI
Maximum Clock Rate
SCLK
IOVDD = 1.8 V
10
MHz
Minimum SCLK Pulse Width
High
tPWH
8
ns
Low
tPWL
12
ns
SDIO to SCLK
Setup Time
tDS
5
ns
Hold Time
tDH
2
ns


同様の部品番号 - AD9144

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9144 AD-AD9144 Datasheet
2Mb / 125P
   Digital-to-Analog Converter
AD9144-EBZ AD-AD9144-EBZ Datasheet
959Kb / 7P
   Mini-USB Cable
AD9144-EBZ AD-AD9144-EBZ Datasheet
2Mb / 125P
   Digital-to-Analog Converter
AD9144-FMC-EBZ AD-AD9144-FMC-EBZ Datasheet
2Mb / 125P
   Digital-to-Analog Converter
AD9144-M6720-EBZ AD-AD9144-M6720-EBZ Datasheet
2Mb / 125P
   Digital-to-Analog Converter
More results

同様の説明 - AD9144

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9142A AD-AD9142A Datasheet
1Mb / 73P
   Multiple chip synchronization
logo
Billiton Ltd.
TP5600 ASIC-TP5600 Datasheet
1Mb / 21P
   SynchronIzatIon Switch SynchronIzatIon Switch 2 A
logo
Integrated Device Techn...
82P33914 IDT-82P33914 Datasheet
146Kb / 4P
   Synchronization System
logo
STMicroelectronics
STEVAL-CCA029V1 STMICROELECTRONICS-STEVAL-CCA029V1 Datasheet
334Kb / 4P
   External synchronization
logo
Systemsensor advanced i...
RRS-MOD SYSTEMSENSOR-RRS-MOD Datasheet
97Kb / 2P
   Synchronization Module
logo
STMicroelectronics
AN832 STMICROELECTRONICS-AN832 Datasheet
34Kb / 3P
   L4981A SYNCHRONIZATION
logo
Hotchip Technology Co.,...
PB0052E HOTCHIP-PB0052E Datasheet
1Mb / 8P
   SynchronIzatIon switch
logo
Maxim Integrated Produc...
MAX17509 MAXIM-MAX17509 Datasheet
623Kb / 24P
   External Frequency Synchronization
Rev 0; 2/15
logo
Renesas Technology Corp
8A34005 RENESAS-8A34005 Datasheet
2Mb / 95P
   Synchronization Management Unit
April 19, 2022
8A34004 RENESAS-8A34004 Datasheet
2Mb / 100P
   Synchronization Management Unit
February 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com