データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9144BCPZ データシート(PDF) 2 Page - Analog Devices

部品番号 AD9144BCPZ
部品情報  Multiple chip synchronization
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9144BCPZ データシート(HTML) 2 Page - Analog Devices

  AD9144BCPZ Datasheet HTML 1Page - Analog Devices AD9144BCPZ Datasheet HTML 2Page - Analog Devices AD9144BCPZ Datasheet HTML 3Page - Analog Devices AD9144BCPZ Datasheet HTML 4Page - Analog Devices AD9144BCPZ Datasheet HTML 5Page - Analog Devices AD9144BCPZ Datasheet HTML 6Page - Analog Devices AD9144BCPZ Datasheet HTML 7Page - Analog Devices AD9144BCPZ Datasheet HTML 8Page - Analog Devices AD9144BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 126 page
background image
AD9144* Product Page Quick Links
Last Content Update: 11/01/2016
Comparable Parts
View a parametric search of comparable parts
Evaluation Kits
• AD-FMCDAQ2-EBZ Evaluation Board
• AD9144 Evaluation Board
Documentation
Data Sheet
• AD9144: Quad, 16-Bit, 2.8 GSPS, TxDAC+® Digital-to-
Analog Converter Data Sheet
Tools and Simulations
• AD9144 IBIS Model
• AD9144/AD9152/AD9154/AD9135/AD9136 AMI Model
Download
Reference Materials
Informational
• JESD204 Serial Interface
Technical Articles
• MS-2773: Advancement in High Speed Converter
Technology Enables Next-Generation Wireless
Communications Systems Designs
Design Resources
• AD9144 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
Discussions
View all AD9144 EngineerZone Discussions
Sample and Buy
Visit the product page to see pricing options
Technical Support
Submit a technical question or find your regional support
number
* This page was dynamically generated by Analog Devices, Inc. and inserted into this data sheet. Note: Dynamic changes to
the content on this page does not constitute a change to the revision number of the product data sheet. This content may be
frequently modified.


同様の部品番号 - AD9144BCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9144BCPZ AD-AD9144BCPZ Datasheet
2Mb / 125P
   Digital-to-Analog Converter
AD9144BCPZRL AD-AD9144BCPZRL Datasheet
2Mb / 125P
   Digital-to-Analog Converter
More results

同様の説明 - AD9144BCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9142A AD-AD9142A Datasheet
1Mb / 73P
   Multiple chip synchronization
logo
Billiton Ltd.
TP5600 ASIC-TP5600 Datasheet
1Mb / 21P
   SynchronIzatIon Switch SynchronIzatIon Switch 2 A
logo
Integrated Device Techn...
82P33914 IDT-82P33914 Datasheet
146Kb / 4P
   Synchronization System
logo
STMicroelectronics
STEVAL-CCA029V1 STMICROELECTRONICS-STEVAL-CCA029V1 Datasheet
334Kb / 4P
   External synchronization
logo
Systemsensor advanced i...
RRS-MOD SYSTEMSENSOR-RRS-MOD Datasheet
97Kb / 2P
   Synchronization Module
logo
STMicroelectronics
AN832 STMICROELECTRONICS-AN832 Datasheet
34Kb / 3P
   L4981A SYNCHRONIZATION
logo
Hotchip Technology Co.,...
PB0052E HOTCHIP-PB0052E Datasheet
1Mb / 8P
   SynchronIzatIon switch
logo
Maxim Integrated Produc...
MAX17509 MAXIM-MAX17509 Datasheet
623Kb / 24P
   External Frequency Synchronization
Rev 0; 2/15
logo
Renesas Technology Corp
8A34005 RENESAS-8A34005 Datasheet
2Mb / 95P
   Synchronization Management Unit
April 19, 2022
8A34004 RENESAS-8A34004 Datasheet
2Mb / 100P
   Synchronization Management Unit
February 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com