データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADuM4136BRWZ-RL データシート(PDF) 4 Page - Analog Devices

部品番号 ADuM4136BRWZ-RL
部品情報  4 A peak drive output capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADuM4136BRWZ-RL データシート(HTML) 4 Page - Analog Devices

  ADuM4136BRWZ-RL Datasheet HTML 1Page - Analog Devices ADuM4136BRWZ-RL Datasheet HTML 2Page - Analog Devices ADuM4136BRWZ-RL Datasheet HTML 3Page - Analog Devices ADuM4136BRWZ-RL Datasheet HTML 4Page - Analog Devices ADuM4136BRWZ-RL Datasheet HTML 5Page - Analog Devices ADuM4136BRWZ-RL Datasheet HTML 6Page - Analog Devices ADuM4136BRWZ-RL Datasheet HTML 7Page - Analog Devices ADuM4136BRWZ-RL Datasheet HTML 8Page - Analog Devices ADuM4136BRWZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
ADuM4136
Rev. 0 | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Low-side voltages are referenced to VSS1. High-side voltages are referenced to GND2; 2.5 V ≤ VDD1 ≤ 6 V, 12 V ≤ VDD2 ≤ 35 V, and TJ = −40°C to
+125°C. All minimum/maximum specifications apply over the entire recommended operating range, unless otherwise noted. All typical
specifications are at TJ = 25°C, VDD1 = 5.0 V, VSS2 = 0 V, and VDD2 = 15 V.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC SPECIFICATIONS
High-Side Power Supply
Input Voltage
VDD2
VDD2
12
35
V
VDD2 − VSS2 ≤ 35 V
VSS2
VSS2
−15
0
V
Input Current, Quiescent
Ready high
VDD2
IDD2 (Q)
3.62
4.49
mA
VSS2
ISS2 (Q)
4.82
6.21
mA
Logic Supply
VDD1 Input Voltage
VDD1
2.5
6
V
Input Current
IDD1
Output Low
1.78
2.17
mA
Output signal low
Output High
4.78
5.89
mA
Output signal high
Logic Inputs (VI+, VI−, RESET)
Input Current (VI+, VI− Only)
II
−1
+0.01
+1
μA
Input Voltage
Logic High
VIH
0.7 × VDD1
V
2.5 V ≤ VDD1 − VSS1 ≤ 5 V
3.5
V
VDD1 − VSS1 > 5 V
Logic Low
VIL
0.3 × VDD1
V
2.5 V ≤ VDD1 − VSS1 ≤ 5 V
1.5
V
VDD1 − VSS1 > 5 V
RESET Internal Pull-Down
RRESET_PD
300
Undervoltage Lockout (UVLO)
VDD1
Positive Going Threshold
VVDD1UV+
2.43
2.49
V
Negative Going Threshold
VVDD1UV−
2.29
2.34
V
Hysteresis
VVDD1UVH
0.09
V
VDD2
Positive Going Threshold
VVDD2UV+
11.6
12.0
V
Negative Going Threshold
VVDD2UV−
10.4
11.2
V
Hysteresis
VVDD2UVH
0.4
V
FAULT Pull-Down FET Resistance
RFAULT_PD_FET
11
50
Ω
Tested at 5 mA
READY Pull-Down FET Resistance
RRDY_PD_FET
11
50
Ω
Tested at 5 mA
Desaturation (DESAT)
Desaturation Detect Comparator Voltage
VDESAT, TH
8.66
9.2
9.57
V
Internal Current Source
IDESAT_SRC
466
537
592
μA
Thermal Shutdown (TSD)
TSD Positive Edge
TTSD_POS
155
°C
TSD Hysteresis
TTSD_HYST
20
°C
Internal NMOS Gate On Resistance
RDSON_N
322
625
Tested at 250 mA
325
625
Tested at 1 A
Internal PMOS Gate On Resistance
RDSON_P
475
975
Tested at 250 mA
480
975
Tested at 1 A
Soft Shutdown NMOS On Resistance
RDSON_FAULT
10.4
22
Ω
Tested at 250 mA
Peak Current
4.61
A
VDD2 = 12 V, 2 Ω gate resistance
SWITCHING SPECIFICATIONS
Pulse Width1
PW
50
ns
CL = 2 nF, VDD2 = 15 V, RGON2 = RGOFF2 = 3.9 Ω
RESET Debounce
tDEB_RESET
500
615
700
ns


同様の部品番号 - ADuM4136BRWZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM4135 AD-ADUM4135 Datasheet
437Kb / 17P
   Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
ADUM4135 AD-ADUM4135 Datasheet
463Kb / 17P
   Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
Rev. D
ADUM4135BRWZ AD-ADUM4135BRWZ Datasheet
463Kb / 17P
   Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
Rev. D
ADUM4135BRWZ-RL AD-ADUM4135BRWZ-RL Datasheet
463Kb / 17P
   Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
Rev. D
ADUM4135 AD-ADUM4135_V01 Datasheet
463Kb / 17P
   Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
Rev. D
More results

同様の説明 - ADuM4136BRWZ-RL

メーカー部品番号データシート部品情報
logo
Advanced Power Electron...
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_16 Datasheet
69Kb / 4P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R460CE INFINEON-IPA80R460CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Advanced Power Electron...
AP28G40GEH A-POWER-AP28G40GEH Datasheet
140Kb / 5P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R310CE INFINEON-IPA80R310CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Vishay Siliconix
SIHG20N50C VISHAY-SIHG20N50C Datasheet
189Kb / 8P
   High Peak Current Capability
Rev. C, 14-Mar-11
logo
Infineon Technologies A...
IPA80R1K4CE INFINEON-IPA80R1K4CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Advanced Power Electron...
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_14 Datasheet
52Kb / 3P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R1K0CE INFINEON-IPA80R1K0CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
IPA80R650CE INFINEON-IPA80R650CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
IPI60R099CP INFINEON-IPI60R099CP_15 Datasheet
551Kb / 10P
   High peak current capability
2014-05-28 revision:2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com