データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADuM4136BRWZ-RL データシート(PDF) 6 Page - Analog Devices

部品番号 ADuM4136BRWZ-RL
部品情報  4 A peak drive output capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADuM4136BRWZ-RL データシート(HTML) 6 Page - Analog Devices

Back Button ADuM4136BRWZ-RL Datasheet HTML 2Page - Analog Devices ADuM4136BRWZ-RL Datasheet HTML 3Page - Analog Devices ADuM4136BRWZ-RL Datasheet HTML 4Page - Analog Devices ADuM4136BRWZ-RL Datasheet HTML 5Page - Analog Devices ADuM4136BRWZ-RL Datasheet HTML 6Page - Analog Devices ADuM4136BRWZ-RL Datasheet HTML 7Page - Analog Devices ADuM4136BRWZ-RL Datasheet HTML 8Page - Analog Devices ADuM4136BRWZ-RL Datasheet HTML 9Page - Analog Devices ADuM4136BRWZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
ADuM4136
Rev. 0 | Page 5 of 16
DIN V VDE V 0884-10 (VDE V 0884-10) INSULATION CHARACTERISTICS
Maintenance of the safety data is ensured by protective circuits. The asterisk (*) marking on the package denotes DIN V VDE V 0884-10
approval for a 560 V peak working voltage.
Table 5. VDE Characteristics
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to III
For Rated Mains Voltage ≤ 400 V rms
I to II
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
849
V peak
Input to Output Test Voltage, Method B1
VIORM × 1.875 = Vpd(m), 100% production test, tini = tm = 1 sec,
partial discharge < 5 pC
Vpd (m)
1592
V peak
Input to Output Test Voltage, Method A
After Environmental Tests Subgroup 1
VIORM × 1.5 = Vpd (m), tini = 60 sec, tm = 10 sec, partial
discharge < 5 pC
Vpd (m)
1274
V peak
After Input and/or Safety Test Subgroup 2
and Subgroup 3
VIORM × 1.2 = Vpd (m), tini = 60 sec, tm = 10 sec, partial
discharge < 5 pC
Vpd (m)
1019
V peak
Highest Allowable Overvoltage
VIOTM
8000
V peak
Surge Isolation Voltage
VPEAK = 12.8 kV, 1.2 μs rise time, 50 μs, 50% fall time
VIOSM
8000
V peak
Safety Limiting Values
Maximum value allowed in the event of a failure (see
Figure 2)
Maximum Junction Temperature
TS
150
°C
Safety Total Dissipated Power
PS
2.77
W
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω
AMBIENT TEMPERATURE (°C)
050
3.0
2.5
2.0
1.5
1.0
0.5
0
100
150
200
Figure 2. Thermal Derating Curve, Dependence of Safety
Limiting Values on Case Temperature, per DIN V VDE V 0884-10
RECOMMENDED OPERATING CONDITIONS
Table 6.
Parameter
Value
Operating Temperature Range (TA)
−40°C to +125°C
Supply Voltages
VDD11
2.5 V to 6 V
VDD22
12 V to 35 V
VDD2 − VSS22
12 V to 35 V
VSS22
−15 V to 0 V
Input Signal Rise/Fall Time
1 ms
Static Common Mode Transient Immunity3
−100 kV/μs to
+100 kV/μs
Dynamic Common Mode Transient Immunity4
−100 kV/μs to
+100 kV/μs
1 Referenced to VSS1.
2 Referenced to GND2.
3 Static common-mode transient immunity is defined as the largest dv/dt
between VSS1 and VSS2 with inputs held either high or low such that the
output voltage remains either above 0.8 × VDD2 for output high, or 0.8 V for
output low. Operation with transients above recommended levels can cause
momentary data upsets.
4 Dynamic common-mode transient immunity is defined as the largest dv/dt
between VSS1 and VSS2 with the switching edge coincident with the transient
test pulse. Operation with transients above recommended levels can cause
momentary data upsets.


同様の部品番号 - ADuM4136BRWZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM4135 AD-ADUM4135 Datasheet
437Kb / 17P
   Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
ADUM4135 AD-ADUM4135 Datasheet
463Kb / 17P
   Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
Rev. D
ADUM4135BRWZ AD-ADUM4135BRWZ Datasheet
463Kb / 17P
   Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
Rev. D
ADUM4135BRWZ-RL AD-ADUM4135BRWZ-RL Datasheet
463Kb / 17P
   Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
Rev. D
ADUM4135 AD-ADUM4135_V01 Datasheet
463Kb / 17P
   Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
Rev. D
More results

同様の説明 - ADuM4136BRWZ-RL

メーカー部品番号データシート部品情報
logo
Advanced Power Electron...
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_16 Datasheet
69Kb / 4P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R460CE INFINEON-IPA80R460CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Advanced Power Electron...
AP28G40GEH A-POWER-AP28G40GEH Datasheet
140Kb / 5P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R310CE INFINEON-IPA80R310CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Vishay Siliconix
SIHG20N50C VISHAY-SIHG20N50C Datasheet
189Kb / 8P
   High Peak Current Capability
Rev. C, 14-Mar-11
logo
Infineon Technologies A...
IPA80R1K4CE INFINEON-IPA80R1K4CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Advanced Power Electron...
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_14 Datasheet
52Kb / 3P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R1K0CE INFINEON-IPA80R1K0CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
IPA80R650CE INFINEON-IPA80R650CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
IPI60R099CP INFINEON-IPI60R099CP_15 Datasheet
551Kb / 10P
   High peak current capability
2014-05-28 revision:2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com