データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXL354CEZ-RL7 データシート(PDF) 10 Page - Analog Devices

部品番号 ADXL354CEZ-RL7
部品情報  Hermetic package offers excellent long-term stability
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXL354CEZ-RL7 データシート(HTML) 10 Page - Analog Devices

Back Button ADXL354CEZ-RL7 Datasheet HTML 6Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 7Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 8Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 9Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 10Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 11Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 12Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 13Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
ADXL354/ADXL355
Data Sheet
Rev. 0 | Page 10 of 42
ADXL355
TOP VIEW
(Not to Scale)
VSUPPLY
X
Z
Y
V1P8ANA
VSS
V1P8DIG
CS/SCL
SCLK/VSSIO
MOSI/SDA
MISO/ASEL
11
10
9
8
1
2
3
4
Figure 6. ADXL355 Pin Configuration
Table 8. ADXL355 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CS/SCL
Chip Select for SPI (CS).
Serial Communications Clock for I2C (SCL).
2
SCLK/VSSIO
Serial Communications Clock for SPI (SCLK).
Connect to VSSIO for I2C (VSSIO).
3
MOSI/SDA
Master Output, Slave Input for SPI (MOSI).
Serial Data for I2C (SDA).
4
MISO/ASEL
Master Input, Slave Output for SPI (MISO).
Alternate I2C Address Select for I2C (ASEL).
5
VDDIO
Digital Interface Supply Voltage.
6
VSSIO
Digital Ground.
7
RESERVED
Reserved. This pin can be connected to ground or left open.
8
V1P8DIG
Digital Supply. This pin requires a decoupling capacitor. If VSUPPLY connects to VSS, supply the voltage to this
pin externally.
9
VSS
Analog Ground.
10
V1P8ANA
Analog Supply. This pin requires a decoupling capacitor. If VSUPPLY connects to VSS, supply the voltage to this
pin externally.
11
VSUPPLY
Supply Voltage. When VSUPPLY equals 2.25 V to 3.6 V, VSUPPLY enables the internal LDOs to generate V1P8DIG and
V1P8ANA. For VSUPPLY = VSS, V1P8DIG and V1P8ANA are externally supplied.
12
INT1
Interrupt Pin 1.
13
INT2
Interrupt Pin 2.
14
DRDY
Data Ready Pin.


同様の部品番号 - ADXL354CEZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL350 AD-ADXL350 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
More results

同様の説明 - ADXL354CEZ-RL7

メーカー部品番号データシート部品情報
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Murata Manufacturing Co...
R44E9 MURATA-R44E9 Datasheet
173Kb / 10P
   Excellent long time aging stability
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
   Highly reliable and long term stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com