データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7447669156 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 7447669156
部品情報  WE-GFH High Frequency SMD Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447669156 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447669156 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447669156 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447669156 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447669156 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447669156 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4.0
3.0
2015-04-13
2004-10-11
SSt
MST
JRS
-
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-GFH High Frequency SMD Inductor
Order.- No.
7447669156
SIZE
A4
Size: 4532
A Dimensions: [mm]
Reference on drawing
Marking
Description
560K (Inductance Code)
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
DC Resistance
DC Resistance
Self resonant frequency
Q-factor
Test conditions
0.975 MHz
∆T = 40 K
@ 20°C
@ 20°C
0.975 MHz
L
IR
RDC
RDC
fres
Q
Value
56
400
1940
2000
14
40
Unit
µH
mA
MHz
Tol.
± 10%
max.
typ.
max.
typ.
min.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +85°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -20°C to +60°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 7447669156

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744766910 WURTH-744766910 Datasheet
877Kb / 5P
   WE-GFH High Frequency SMD Inductor
7447669112 WURTH-7447669112 Datasheet
879Kb / 5P
   WE-GFH High Frequency SMD Inductor
7447669115 WURTH-7447669115 Datasheet
879Kb / 5P
   WE-GFH High Frequency SMD Inductor
7447669118 WURTH-7447669118 Datasheet
879Kb / 5P
   WE-GFH High Frequency SMD Inductor
7447669122 WURTH-7447669122 Datasheet
879Kb / 5P
   WE-GFH High Frequency SMD Inductor
More results

同様の説明 - 7447669156

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7447629150 WURTH-7447629150 Datasheet
414Kb / 5P
   WE-GFH High Frequency SMD Inductor
7447669012 WURTH-7447669012 Datasheet
862Kb / 5P
   WE-GFH High Frequency SMD Inductor
7447669182 WURTH-7447669182 Datasheet
899Kb / 5P
   WE-GFH High Frequency SMD Inductor
744764920 WURTH-744764920 Datasheet
896Kb / 5P
   WE-GFH High Frequency SMD Inductor
7447669147 WURTH-7447669147 Datasheet
879Kb / 5P
   WE-GFH High Frequency SMD Inductor
744764901 WURTH-744764901 Datasheet
878Kb / 5P
   WE-GFH High Frequency SMD Inductor
744766904 WURTH-744766904 Datasheet
861Kb / 5P
   WE-GFH High Frequency SMD Inductor
7447669218 WURTH-7447669218 Datasheet
896Kb / 5P
   WE-GFH High Frequency SMD Inductor
7447629330 WURTH-7447629330 Datasheet
413Kb / 5P
   WE-GFH High Frequency SMD Inductor
744766906 WURTH-744766906 Datasheet
876Kb / 5P
   WE-GFH High Frequency SMD Inductor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com