データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ESAC25-02S データシート(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

部品番号 ESAC25-02S
部品情報  10 Ampere Heatsink Dual Tandem Polarity Fast Recovery Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  THINKISEMI [Thinki Semiconductor Co., Ltd.]
ホームページ  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

ESAC25-02S データシート(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  ESAC25-02S Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. ESAC25-02S Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
400
280
400
600
420
600
10.0
5.0
100
1.3
1.7
0.98
35
100
65
2.2
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oC/W
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 5.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
®
ESAC25-02S thru ESAC25-06S
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/2
Pb Free Plating Product
ESAC25-02S/ESAC25-04S/ESAC25-06S
Pb
ESAC25-02S
Features
Low forward voltage drop
High current capability
Case: TO-220C heatsink package outline
High surge current capability
Weight: 2.0 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
TO-220AB
Unit:mm
Application
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS,EPS and UPS
Car Audio Amplifiers and Sound Device Systems
Rev.05
10 Ampere Heatsink Dual Tandem Polarity Fast Recovery Half Bridge Rectifiers
Positive
Negative
Common Cathode
Case
Case
Common Anode
Suffix "C"
Latest GPP technology with super fast recovery time
Doubler
Case
Tandem Polarity
Case
Series Connection
Tandem Polarity
Suffix "N"
Suffix "D"
Suffix "S"
φ3.6
0±0.
20
9.90±0.20
2.54typ
0.80±0.20
1.27±0.20
1.52±0.20
1.30±0.20
4.50±0.20
0.50±0.20
2.40±0.20
2.54typ
ESAC25-04S ESAC25-06S


同様の部品番号 - ESAC25-02S

メーカー部品番号データシート部品情報
logo
Fuji Electric
ESAC25-02C FUJI-ESAC25-02C Datasheet
65Kb / 4P
   FAST RECOVERY DIODE
logo
Thinki Semiconductor Co...
ESAC25-02C THINKISEMI-ESAC25-02C Datasheet
694Kb / 2P
   10 Ampere Heatsink Dual Common Cathode Fast Recovery Half Bridge Rectifiers
logo
Inchange Semiconductor ...
ESAC25-02C ISC-ESAC25-02C Datasheet
290Kb / 2P
   Ultra fast Rectifier
logo
Fuji Electric
ESAC25-02D FUJI-ESAC25-02D Datasheet
65Kb / 4P
   FAST RECOVERY DIODE
logo
Thinki Semiconductor Co...
ESAC25-02D THINKISEMI-ESAC25-02D Datasheet
695Kb / 2P
   10 Ampere Heatsink Dual Doubler Polarity Fast Recovery Half Bridge Rectifiers
More results

同様の説明 - ESAC25-02S

メーカー部品番号データシート部品情報
logo
Thinki Semiconductor Co...
ESAD39-02D THINKISEMI-ESAD39-02D Datasheet
703Kb / 2P
   10 Ampere Heatsink Tandem Polarity Ultra Fast Recovery Half Bridge Rectifiers
MUR1220GD THINKISEMI-MUR1220GD Datasheet
692Kb / 2P
   12 Ampere Heatsink Tandem Polarity Fast Recovery Half Bridge Rectifiers
MUR3020GD THINKISEMI-MUR3020GD Datasheet
857Kb / 2P
   30 Ampere Heatsink Dual Tandem Polarity Ultra Fast Recovery Half Bridge Rectifiers
MUR3020DT THINKISEMI-MUR3020DT Datasheet
857Kb / 2P
   30 Ampere Heatsink Dual Tandem Polarity Ultra Fast Recovery Half Bridge Rectifiers
C10P20FS THINKISEMI-C10P20FS Datasheet
693Kb / 2P
   10 Ampere Dual Tandem Polarity Ultra Fast Recovery Half Bridge Rectifiers
D10LD20U THINKISEMI-D10LD20U Datasheet
662Kb / 2P
   10 Ampere Dual Tandem Polarity Super Fast Recovery Half Bridge Rectifiers
F10P20FS THINKISEMI-F10P20FS Datasheet
668Kb / 2P
   10 Ampere Dual Tandem Polarity Ultra Fast Recovery Half Bridge Rectifiers
D8LD20U THINKISEMI-D8LD20U Datasheet
669Kb / 2P
   10 Ampere Dual Tandem Polarity Ultra Fast Recovery Half Bridge Rectifiers
YG902S2 THINKISEMI-YG902S2 Datasheet
666Kb / 2P
   10 Ampere Dual Tandem Polarity Ultra Fast Recovery Half Bridge Rectifiers
YG225D2 THINKISEMI-YG225D2 Datasheet
668Kb / 2P
   10 Ampere Insulated Tandem Polarity Fast Recovery Half Bridge Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com