データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5684R データシート(PDF) 3 Page - Analog Devices

部品番号 AD5684R
部品情報  Full-featured evaluation board
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5684R データシート(HTML) 3 Page - Analog Devices

  AD5684R Datasheet HTML 1Page - Analog Devices AD5684R Datasheet HTML 2Page - Analog Devices AD5684R Datasheet HTML 3Page - Analog Devices AD5684R Datasheet HTML 4Page - Analog Devices AD5684R Datasheet HTML 5Page - Analog Devices AD5684R Datasheet HTML 6Page - Analog Devices AD5684R Datasheet HTML 7Page - Analog Devices AD5684R Datasheet HTML 8Page - Analog Devices AD5684R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Evaluation Board User Guide
UG-459
Rev. 0 | Page 3 of 12
EVALUATION BOARD HARDWARE
POWER SUPPLIES
To use the evaluation board with the SDP board, a 6 V power
supply is required, which is connected to Connector J3. The
evaluation board can be used without the SDP board. In this case,
the J1 and J2 connectors are used as the power supply inputs.
Both AGND and DGND inputs are provided on the board. The
AGND and DGND planes are connected at one location close
to the AD568x(R). It is recommended that AGND and DGND
not be connected elsewhere in the system to avoid ground loop
problems.
All supplies are decoupled to ground with 10 µF tantalum and
0.1 µF ceramic capacitors.
Table 1. Power Supply Connectors
Connector Number
Voltage
J1
External, V
LOGIC supply
J2
Analog power supply, V
DD
J3
6 V board positive power supply
LINK OPTIONS
A number of link options are incorporated in the evaluation
board and must be set for the required operating conditions
before using the board. The functions of these link options are
described in detail in Table 3. Table 2 lists the positions of the
different links controlled by PC, via the USB port, and the SDP
board in single-supply mode is required.
Table 2. Link Options Setup for SDP Control (Default)
Link Number
Option
LK1
A
LK2
A
LK3
C
LK4
B
LK5
A
LK6
B
Table 3. Link Functions
Link Number
Option
LK1
This link selects the DAC analog voltage source.
Position A selects the internal voltage source (INT_VDD) from the ADP3331.
Position B selects an external supply voltage (EXT_VDD).
LK2
This link selects the DAC digital voltage source.
Position A selects the digital voltage source from the SDP board (V_IO).
Position B selects an external digital supply voltage (EXT_VLOGIC).
LK3
This link selects the reference source.
Position A selects the on-board 2.5 V reference as the reference source. Do not use this option with the AD5686R/AD5684R.
Position B selects the on-board 5 V reference as the reference source. Do not use this option with the AD5686R/AD5684R.
Position C selects the internal reference of the AD5686R/AD5684R as the reference source for the AD5686/AD5684.
Position D selects an off board voltage reference via the EXT_REF connector.
LK4
This link selects the gain setting of the AD5686/AD5684 (not populated).
Position A selects gain of 2.
Position B selects gain of 1.
LK5
This link selects the gain setting of the AD5686R/AD5684R.
Position A selects gain of 2.
Position B selects gain of 1.
LK6
This link selects whether the AD5686R/AD5684R or AD5686/AD5684 is accessed by the software.
Position A selects the AD5686/AD5684.
Position B selects the AD5686R/AD5684R.


同様の部品番号 - AD5684R

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5684R AD-AD5684R Datasheet
830Kb / 32P
   Quad, 16-/14-/12-Bit nanoDAC
REV. 0
AD5684R AD-AD5684R Datasheet
761Kb / 32P
   Quad 16-/14-/12-Bit nanoDAC
REV. 0
AD5684R AD-AD5684R Datasheet
664Kb / 24P
   Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5684R AD-AD5684R Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5684RARUZ AD-AD5684RARUZ Datasheet
830Kb / 32P
   Quad, 16-/14-/12-Bit nanoDAC
REV. 0
More results

同様の説明 - AD5684R

メーカー部品番号データシート部品情報
logo
Analog Devices
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Analog Devices
UG-515 AD-UG-515 Datasheet
2Mb / 28P
   Full-featured evaluation board
UG-572 AD-UG-572 Datasheet
1Mb / 20P
   Full featured evaluation board
UG-490 AD-UG-490 Datasheet
2Mb / 28P
   Full-featured evaluation board
UG-532 AD-UG-532 Datasheet
421Kb / 12P
   Full-featured evaluation board
UG-581 AD-UG-581 Datasheet
1Mb / 28P
   Full-featured evaluation board
EVAL-AD7403FMCZ AD-EVAL-AD7403FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
ADP2443-EVALZ AD-ADP2443-EVALZ Datasheet
357Kb / 9P
   Full featured evaluation board
EVAL-AD5676SDZ AD-EVAL-AD5676SDZ Datasheet
486Kb / 12P
   Full featured evaluation board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com