データシートサーチシステム |
|
LM77000 データシート(PDF) 10 Page - National Semiconductor (TI) |
|
|
LM77000 データシート(HTML) 10 Page - National Semiconductor (TI) |
10 / 14 page Applications (Continued) High Slew Rate Power Op AmpAudio Amp TLH10075 – 10 Features High Slew Rate 9 V ms High 3 dB Power Bandwidth 85 kHz 18 Watts Output Power into an 8X load Low Distortion02% 10 Vrms 1 kHz into 8X Design Consideration AV t 10 Servo Applications AG Servo AmplifierBridge Type TLH10075 – 11 Features Gain of 10 Use of LM759 Means Simple Inexpensive Circuit Design Considerations 325 mA Max Output Current DC Servo Amplifier TLH10075 – 12 Features Circuit Simplicity One Chip Means Excellent Reliability Design Considerations IO s 325 mA Note 1 All resistor values in ohms 10 |
同様の部品番号 - LM77000 |
|
同様の説明 - LM77000 |