データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS271MBM データシート(PDF) 1 Page - STMicroelectronics

部品番号 TS271MBM
部品情報  CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271MBM データシート(HTML) 1 Page - STMicroelectronics

  TS271MBM Datasheet HTML 1Page - STMicroelectronics TS271MBM Datasheet HTML 2Page - STMicroelectronics TS271MBM Datasheet HTML 3Page - STMicroelectronics TS271MBM Datasheet HTML 4Page - STMicroelectronics TS271MBM Datasheet HTML 5Page - STMicroelectronics TS271MBM Datasheet HTML 6Page - STMicroelectronics TS271MBM Datasheet HTML 7Page - STMicroelectronics TS271MBM Datasheet HTML 8Page - STMicroelectronics TS271MBM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
s OFFSET NULL CAPABILITY (by external
compensation)
s DYNAMIC CHARACTERISTICS
ADJUSTABLE ISET
s CONSUMPTION CURRENT AND DYNAMIC
PARAMETERS ARE STABLE REGARDING
THE VOLTAGE POWER SUPPLY
VARIATIONS
s OUTPUT VOLTAGE CAN SWING TO
GROUND
s VERY LARGE I
SET RANGE
s STABLE AND LOW OFFSET VOLTAGE
s THREE INPUT OFFSET VOLTAGE
SELECTIONS
DESCRIPTION
The TS271 is a low cost, low power single oper-
tional amplifier designed to operate with single or
dual supplies. This operational amplifier uses the
ST silicon gate CMOS process giving it an excel-
lent consumption-speed ratio. This amplifier is ide-
ally suited for low consumption applications.
The power supply is externally programmable with
a resistor connected between pins 8 and 4. It al-
lows to choose the best consumption-speed ratio
and supply current can be minimized according to
the required speed. This device is specified for the
following ISET current values : 1.5µA, 25µA,
130µA.
This CMOS amplifier offers very high input imped-
ance and extremely low input currents. The major
advantage versus JFET devices is the very low in-
put currents drift with temperature (see figure 3).
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
ND
TS271C/AC/BC
0°C, +70°C
••
TS271I/AI/BI
-40°C, +125°C
••
TS271M/AM/BM
-55°C, +125°C
••
Example : TS271ACN
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
1
2
3
45
6
7
8
CC
-
-
+
1 - Offset Null 1
2 - Inverting Input 1
3 - Non-inverting Input 1
4 - V
5 - Offset Null 2
6 - Output
7 - V
8 - I
+
CC
Set
TS271C,I,M
CMOS PROGRAMMABLE
LOW POWER SINGLE OPERATIONAL AMPLIFIER
November 2001


同様の部品番号 - TS271MBM

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS271M STMICROELECTRONICS-TS271M Datasheet
168Kb / 15P
   PROGRAMMABLE CMOS SINGLE OPERATIONAL AMPLIFIERS
More results

同様の説明 - TS271MBM

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS271 STMICROELECTRONICS-TS271_05 Datasheet
607Kb / 17P
   CMOS Programmable Low Power Single Operational Amplifier
logo
Unisonic Technologies
ULV7011 UTC-ULV7011 Datasheet
155Kb / 4P
   LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
ULV7012 UTC-ULV7012 Datasheet
155Kb / 4P
   LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
ULV7013 UTC-ULV7013 Datasheet
155Kb / 4P
   LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
   Low Power CMOS Operational Amplifier
LPC661 NSC-LPC661 Datasheet
311Kb / 13P
   Low Power CMOS Operational Amplifier
logo
ELM Electronics
ELM832B ELM-ELM832B Datasheet
947Kb / 10P
   CMOS Low power operational amplifier
logo
ELM Technology Corporat...
ELM832B ELM-TECH-ELM832B Datasheet
118Kb / 10P
   CMOS Low power operational amplifier
logo
ELM Electronics
ELM842-SERIES ELM-ELM842-SERIES Datasheet
937Kb / 10P
   CMOS Low power operational amplifier
ELM832-SERIES ELM-ELM832-SERIES Datasheet
879Kb / 9P
   CMOS Low power operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com