データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54-874-014 データシート(PDF) 1 Page - API Technologies Corp

部品番号 54-874-014
部品情報  Spec Spin Filters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  APITECH [API Technologies Corp]
ホームページ  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-874-014 データシート(HTML) 1 Page - API Technologies Corp

  54-874-014 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Spec Spin Filters
API Technologies’ Spectrum Control brand introduces
the new space saving #2-56 threaded miniature EMI
spanner filter. This new threaded filter is designed
without a hex and does not require soldering for
installation. These features make it an excellent
selection for applications that require many lines to
be filtered in close proximity. The easy swap out also
allows for flexibility in filter replacement and capacitance
substitution. Easy filter substitution also allows for
flexibility in filter placement. Custom design queries
are always welcome.
Applications
API’s Spectrum Control brand spanner filter offers
superior insertion loss over a broad frequency range
when compared to surface mount components. The filter
is available in capacitance values up to 10,000 pF, and
is featured in a microcircuit package used in microwave
applications such as frequency synthesizers, power
amplifiers, MMW radio, and is ideal for commercial
and high-reliability applications.
Electrical Specifications
Operating Temperature . . . . -55°C to +125°C
Voltage Rating . . . . . . . . . . 50 VDC
Current Rating . . . . . . . . . . 5 A
Effective Filtering From . . . . 1 MHz to 10 GHz
Capacitance . . . . . . . . . . . . to 10,000 pF
Dielectric Withstanding
Voltage . . . . . . . . . . . . . . . . . 125 VDC
Built and tested in accordance with MIL-F-15733.
Dimensions in inches
(mm)
.020
(0.51)
.020
(0.51)
1-1/2 Imperfect
Threads
#2-56 Unc-2A
.024
(0.61)
ø.105 ± .005
(2.67)
.140
(3.57)
.081
(2.06)
.290
(7.36)
.240
(6.11)
54-874-010
54-874-011
54-874-012
54-874-013
54-874-014
54-874-015
54-874-016
54-874-017
54-874-018
10
39
100
390
1,000
2,000
3,300
4,700
10,000
+50%/-20%
C
5 A
50 VDC
125 VDC
1,000 MΩ
-55°C to +125°C
+100%/-0%
+80%/-20%
Part Number*
Max. Tolerance
Circuit
Current
Voltage
DWV
I.R.
Temperature Range
Cap (pF)
Mechanical Specifications
Center Spacing . . . . . . . . . . .0.110"
Lead Finish . . . . . . . . . . . . . Gold
Bushing Finish . . . . . . . . . . Gold
Tightening Torque . . . . . . . . 14 oz-in (± 2)
(0.11Nm)
Insertion Tool
Part Number: 54-874-020
LP11
+0%/-20%
Note: Parts are RoHS Compliant


同様の部品番号 - 54-874-014

メーカー部品番号データシート部品情報
logo
NTE Electronics
54-870 NTE-54-870 Datasheet
3Mb / 4P
   Rocker Switches
More results

同様の説明 - 54-874-014

メーカー部品番号データシート部品情報
logo
Assmann Electronics Inc...
AK304-2-R ASSMANN-AK304-2-R Datasheet
83Kb / 1P
   DIN SPIN MALE
logo
Tyco Electronics
209M410-19B MACOM-209M410-19B Datasheet
57Kb / 2P
   ADAPTER,SPIN COUPLING CODE 40
218M608 MACOM-218M608 Datasheet
140Kb / 3P
   ADAPTER, SPIN COUPLING CODE 18
logo
List of Unclassifed Man...
AAV001-11 ETC-AAV001-11 Datasheet
140Kb / 3P
   Spin Valve GMR Bridge Sensor
logo
Tyco Electronics
004845-000 MACOM-004845-000 Datasheet
98Kb / 2P
   ASAPTER, SPIN COUPLING CODE 40
logo
Varitronix internationa...
COG-C150FAG-01 VARITRONIX-COG-C150FAG-01 Datasheet
90Kb / 1P
   MODULE SPEC
COG-C286FVJ-01 VARITRONIX-COG-C286FVJ-01 Datasheet
39Kb / 1P
   MODULE SPEC
COG-C177MVH-01 VARITRONIX-COG-C177MVH-01 Datasheet
130Kb / 1P
   MODULE SPEC
logo
Bel Fuse Inc.
X5536500D1-F BEL-X5536500D1-F Datasheet
65Kb / 2P
   ELECTRICAL SPEC
logo
Tontek Design Technolog...
TTP252 TONTEK-TTP252 Datasheet
391Kb / 40P
   Target Spec.
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com