データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8642 データシート(PDF) 11 Page - Analog Devices

部品番号 AD8642
部品情報  Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8642 データシート(HTML) 11 Page - Analog Devices

Back Button AD8642 Datasheet HTML 7Page - Analog Devices AD8642 Datasheet HTML 8Page - Analog Devices AD8642 Datasheet HTML 9Page - Analog Devices AD8642 Datasheet HTML 10Page - Analog Devices AD8642 Datasheet HTML 11Page - Analog Devices AD8642 Datasheet HTML 12Page - Analog Devices AD8642 Datasheet HTML 13Page - Analog Devices AD8642 Datasheet HTML 14Page - Analog Devices AD8642 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet
AD8641/AD8642/AD8643
Rev. F | Page 11 of 15
0
10
20
30
40
50
60
70
CAPACITANCE (pF)
1
100
10
1000
OS+
OS–
VS = ±2.5V
RL = 10k
VIN = 100mV p-p
AV = +1
Figure 37. Small Signal Overshoot vs. Load Capacitance
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–5
–4
–3
–2
–1
0
1
2
3
4
5
VCM (V)
CH1 1.00V
M1.00s
A CH1
–20.0V
1
VS = ±13V
G = +1M
CH1 p-p = 4.26V
Figure 38. 0.1 Hz to 10 Hz Noise
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–5
–4
–3
–2
–1
0
1
2
3
4
5
VCM (V)
CH1 1.00V
M1.00s
A CH1
–20.0V
1
VS = ±2.5V
G = +1M
CH1 p-p = 4.06V
Figure 39. 0.1 Hz to 10 Hz Noise
1
10
100
1k
FREQUENCY (Hz)
10
1k
100
10k
VSY = ±13V
Figure 40. Voltage Noise Density
1
10
100
1k
FREQUENCY (Hz)
10
1k
100
10k
VSY = 5V
Figure 41. Voltage Noise Density
0.000001
0.00001
0.0001
0.001
1k
100
1
20k
FREQUENCY (Hz)
0.004
1V p-p INPUT
2V p-p INPUT
4V p-p INPUT
8V p-p INPUT
VSY = ±13V
LOAD = 100k
GAIN = +1
10k
Figure 42. Total Harmonic Distortion + Noise vs. Frequency


同様の部品番号 - AD8642

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8642 AD-AD8642 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8642ARMZ-R2 AD-AD8642ARMZ-R2 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8642ARMZ-REEL AD-AD8642ARMZ-REEL Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8642ARMZ-REEL AD-AD8642ARMZ-REEL Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
More results

同様の説明 - AD8642

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8641 AD-AD8641 Datasheet
327Kb / 12P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. 0
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
Texas Instruments
OPA145 TI1-OPA145 Datasheet
1Mb / 40P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V03 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI1-OPA145_V01 Datasheet
2Mb / 43P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V02 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
logo
Analog Devices
AD8641 AD-AD8641_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8642 AD-AD8642_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8643 AD-AD8643_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com