データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS87C51RD2 データシート(PDF) 3 Page - ATMEL Corporation

部品番号 TS87C51RD2
部品情報  Qualification Package TS87C51RD2 / TS83C51RD2 CMOS 0.5Um
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS87C51RD2 データシート(HTML) 3 Page - ATMEL Corporation

  TS87C51RD2 Datasheet HTML 1Page - ATMEL Corporation TS87C51RD2 Datasheet HTML 2Page - ATMEL Corporation TS87C51RD2 Datasheet HTML 3Page - ATMEL Corporation TS87C51RD2 Datasheet HTML 4Page - ATMEL Corporation TS87C51RD2 Datasheet HTML 5Page - ATMEL Corporation TS87C51RD2 Datasheet HTML 6Page - ATMEL Corporation TS87C51RD2 Datasheet HTML 7Page - ATMEL Corporation TS87C51RD2 Datasheet HTML 8Page - ATMEL Corporation TS87C51RD2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Qualpack TS87C51RD2/TS83C51RD2
June 2001
3
Atmel Wireless & Microcontrollers
2
General Information
Product Name:
TS87C51RD2
Function:
8 Bits Microcontroller, 64K bytes memory
TS87C51RD2: 64k EPROM
TS83C51RD2: 64k ROM
Wafer Process:
CMOS 0.5um
Available Package Types
PLCC 44, VQFP 44 1.4, PDIL 40, PLCC 68, VQFP 64 1.4
Other Forms:
Die, Wafer
Locations:
Process Development,
ATMEL Nantes , France
Product Development
ATMEL Nantes , France
Wafer Plant
ATMEL Nantes , France
QC Responsibility
ATMEL Nantes, France
Probe Test
ATMEL Nantes , France
Assembly
Dependant upon Package
Final Test
Dependant upon Package
Lot Release
ATMEL Nantes, France
Shipment Control
GLOBAL LOGISTICS CENTER, Philippines
Quality Assurance
ATMEL Nantes, France
Reliability Testing
ATMEL Nantes, France
ATMEL Nantes, France
Failure Analysis
ATMEL Nantes, France
Quality Assurance Management
ATMEL Nantes, France
Signed: Pascal LECUYER


同様の部品番号 - TS87C51RD2

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TS87C51RD2 ATMEL-TS87C51RD2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
International Rectifier
TS87C51RD2 IRF-TS87C51RD2 Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS87C51RD2 ATMEL-TS87C51RD2 Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
TS87C51RD2 ATMEL-TS87C51RD2 Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
TS87C51RD2 ATMEL-TS87C51RD2 Datasheet
996Kb / 86P
   extra 8-bit I/O ports available on RD2 with high pin count packages
More results

同様の説明 - TS87C51RD2

メーカー部品番号データシート部品情報
logo
TriQuint Semiconductor
TQ8223 TRIQUINT-TQ8223 Datasheet
580Kb / 5P
   Device Qualification
logo
STMicroelectronics
STEVAL-ISA160V1 STMICROELECTRONICS-STEVAL-ISA160V1 Datasheet
218Kb / 4P
   AECQ100 qualification
February 2016 Rev 1
logo
List of Unclassifed Man...
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
logo
Tyco Electronics
3-1461491-5 MACOM-3-1461491-5 Datasheet
369Kb / 40P
   Qualification Test Report
logo
Stanford Microdevices
SGA-8343X STANFORD-SGA-8343X Datasheet
178Kb / 9P
   Reliability Qualification Report
SGA-9189 STANFORD-SGA-9189 Datasheet
448Kb / 5P
   Reliability Qualification Report
logo
ATMEL Corporation
AT25F512A ATMEL-AT25F512A Datasheet
47Kb / 4P
   SPI EEPROM Product Qualification
logo
Lumileds Lighting Compa...
RD12 LUMILEDS-RD12 Datasheet
399Kb / 2P
   SnapLED Qualification Reliability Testing
logo
California Eastern Labs
GET-30593 CEL-GET-30593 Datasheet
362Kb / 7P
   Qualification Test Report on NE681XX
logo
Intersil Corporation
ISL6367CRZ INTERSIL-ISL6367CRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com