データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCD-7100 データシート(PDF) 5 Page - Gamewell-FCI by Honeywell

部品番号 LCD-7100
部品情報  Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
ホームページ  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

LCD-7100 データシート(HTML) 5 Page - Gamewell-FCI by Honeywell

  LCD-7100 Datasheet HTML 1Page - Gamewell-FCI by Honeywell LCD-7100 Datasheet HTML 2Page - Gamewell-FCI by Honeywell LCD-7100 Datasheet HTML 3Page - Gamewell-FCI by Honeywell LCD-7100 Datasheet HTML 4Page - Gamewell-FCI by Honeywell LCD-7100 Datasheet HTML 5Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
www.gamewell-fci.com
9020-0613 Rev. M page 5 of 5
Specifications
Detailed product specifications may be found in the
following documents:
9020-0542
INCC Intelligent Network Command
Center Data Sheet
9020-0637
E3 Series Control Panel Data Sheet
9020-0541
INX Intelligent Network Transponder
Data Sheet
9021-60758
E3 Series Combined Fire and Mass
Notification Data Sheet
Ordering Information
E3 Control
Part Number
Description
ILI95-MB-E3
Intelligent Loop Interface-Main Board
ILI-MB-E3
Intelligent Loop Interface-Main Board
ILI-S-E3
Intelligent Loop Interface-Expansion
ILI95-S-E3
Intelligent Loop Interface-Expansion
ANX-SR
Addressable Node Expander-Single Ring
ANX-MR-FO
Addressable Node Expander-Multi-Ring
Twisted-Pair
ANX-MR-UTP Addressable Node Expander-Multi-Ring
Fiber-Optic
LCD-E3
LCD Keypad Display
PM-9/PM-9G
Power Supply
RPT-E3
Network Repeater
DACT-E3
Digital Alarm Communicator Transmitter
LCD-7100
(Optional)
Remote Serial LCD Display
INCC Intelligent Network Command Center
Part Number
Description
INI-VGC
Command Center Gateway
INI-VGC-UTP
Command Center Gateway for unshielded
twisted-pair wire only
ASM-16
Programmable Switch Module
(occupies single slot of inner door)
NGA
Network Graphic Annunciator
ANU-48
Remote LED Driver
INCC-IDT
Inner door w/one double slot for
INCC-TEL fire fighter handset and 4
single slots
INCC-ID
Inner door w/6 single slots
INCC-CABR
INCC backbox (black) with red outer door,
Dimensions: 19” W x 19” H x 4” D
(48 W x 48 H x 10 cm)
Ordering Information (Continued)
Part Number
Description
Optional Accessories
ANU-48
Remote LED Driver
INCC-TEL
Fire Fighter Telephone Handset
(requires INCC-IDT Inner Door)
INCC-MIC
Paging Microphone Module
(occupies one single slot of Inner Door)
INCC-BP
Command Center Blank Face Plate
(occupies one single slot of Inner Door)
INX Intelligent Network Transponder
INI-VGX
Transponder Voice Gateway
INX-VGX-UTP Voice Gateway for unshielded, twisted-
pair wire only
PM-9/PM-9G
INX 9 ampere Power Supply
AM-50 Series Amplifiers;
AM 50-25
INX 50 Watt amplifier 25 VRMS output
AM-50-70
INX 50 Watt amplifier 70.7 VRMS output
Cabinets:
INX-CAB
INX Backbox with Black Door
Dimensions; 19” W x 19” H x 4” D
(48 x 48 x 10 cm)
INX-CABR
INX Backbox with Red Door
Dimensions; 19” W x 19” H x 4” D
(48 x 48 x 10 cm)
INX CAB-B
Enclosure louvered door and INX-CAB-B
mounting plate
Dimensions: 19 3/8” W x 19 3/8” H x 4.5” D
(49 W x 39 H x 11 D cm)
For additional information on the cabinets, refer to the E3
Series Cabinets Data Sheet (Part Number: 9020-0649).
Seismic Battery Bracket Kits
For information on the types of Seismic Battery Bracket
Kits available and the Seismic Battery Bracket Kit Part
Numbers, refer to the following documents:
• Seismic Battery Bracket Installation Guide, P/N: 53839
• E3 Series Cabinets Data Sheet P/N: 9020-0649


同様の部品番号 - LCD-7100

メーカー部品番号データシート部品情報
logo
Gamewell-FCI by Honeywe...
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
142Kb / 4P
   Small Addressable Fire Alarm Control Panel
More results

同様の説明 - LCD-7100

メーカー部品番号データシート部品情報
logo
Gamewell-FCI by Honeywe...
150-00026 GAMEWELL-FCI-150-00026 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
VSYS1 GAMEWELL-FCI-VSYS1 Datasheet
132Kb / 2P
   Emergency Voice Evacuation
logo
Radiometrix Ltd
M1144 RADIOMETRIX-M1144 Datasheet
208Kb / 8P
   Mesh Networked Alarm Control System
logo
Gamewell-FCI by Honeywe...
AASERIES GAMEWELL-FCI-AASERIES Datasheet
56Kb / 1P
   Amplifiers for Emergency Voice Evacuation Systems
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
   Fire Alarm Control Panel
AAD-9400X GAMEWELL-FCI-AAD-9400X Datasheet
388Kb / 2P
   Intelligent Fire Alarm Aspiration Sensing Technology
FLEX4 GAMEWELL-FCI-FLEX4 Datasheet
147Kb / 4P
   Conventional Fire Alarm Control Panels
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
IF602VE-126 GAMEWELL-FCI-IF602VE-126 Datasheet
99Kb / 4P
   Analog Addressable Control Panel with Voice Evacuation
GWACC GAMEWELL-FCI-GWACC Datasheet
230Kb / 4P
   Audio Command Center Voice Evacuation Control Panel
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com