データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD5.241-S1 データシート(PDF) 5 Page - PULS GmbH

部品番号 CD5.241-S1
部品情報  DC/DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULS [PULS GmbH]
ホームページ  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.241-S1 データシート(HTML) 5 Page - PULS GmbH

  CD5.241-S1 Datasheet HTML 1Page - PULS GmbH CD5.241-S1 Datasheet HTML 2Page - PULS GmbH CD5.241-S1 Datasheet HTML 3Page - PULS GmbH CD5.241-S1 Datasheet HTML 4Page - PULS GmbH CD5.241-S1 Datasheet HTML 5Page - PULS GmbH CD5.241-S1 Datasheet HTML 6Page - PULS GmbH CD5.241-S1 Datasheet HTML 7Page - PULS GmbH CD5.241-S1 Datasheet HTML 8Page - PULS GmbH CD5.241-S1 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
CD5.241-S1
CD-Series
DC/DC Converter 24V, 5A
4. SOFT-START AND INPUT INRUSH CURRENT SURGE
Inrush current limitation
An active inrush limitation circuit (inrush limiting resistor which is bypassed by a relay contact) limits the input inrush
current after turn-on of the input voltage.
The charging current into EMI suppression capacitors is disregarded in the first microseconds after switch-on.
Inrush current
max.
1.6Apeak
-25°C to +70°C, input: 24Vdc
typ.
1.2Apeak
-25°C to +70°C, input: 24Vdc
Inrush energy
typ.
negligible
-25°C to +70°C, input: 24Vdc
Fig. 4-1 Input inrush current, typical behavior
Input Current
Input Voltage
Output Voltage
Input:
24Vdc
Output:
24V, 5A, constant current load
Ambient:
25°C
Upper curve:
Input current 2A / DIV
Middle curve:
Input voltage 20V / DIV
Lower curve:
Output voltage 20V / DIV
Time basis:
100ms / DIV
Soft-start function:
After the DC/DC converter is turned on, the internal output current rises slowly to its nominal value. This method
charges the output capacitors (internal and external capacitors) slowly and avoids high input currents during turn-on.
High input currents can produce a high voltage drop on the input wiring (especially with long and thin cables) which
reduces the terminal voltage on the DC/DC converter. If the terminal voltage is below the shut-down voltage, the
DC/DC converter will turn-off and will make a new start-up attempt. This effect is avoided with the integrated soft-
start function. Please note, that this function increases the rise time of the output voltage by a small amount.
Fig. 4-2 Soft-start behavior
Input Current
Input:
24Vdc
Output:
24V, 5A, constant current load
Ambient:
25°C
No additional external output capacitors
Upper curve:
Input current 2A / DIV
Lower curve:
Output voltage 10V / DIV
Time basis:
20ms / DIV
Output Voltage
Mar. 2016 / Rev. 1.5 DS-CD5.241-S1-EN
All parameters are specified at 24V, 5A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/23


同様の部品番号 - CD5.241-S1

メーカー部品番号データシート部品情報
logo
PULS GmbH
CD5.241-L1 PULS-CD5.241-L1 Datasheet
546Kb / 21P
   DC/DC Converter
More results

同様の説明 - CD5.241-S1

メーカー部品番号データシート部品情報
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com