データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X1228V14-2.7A データシート(PDF) 9 Page - Xicor Inc.

部品番号 X1228V14-2.7A
部品情報  Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XICOR [Xicor Inc.]
ホームページ  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1228V14-2.7A データシート(HTML) 9 Page - Xicor Inc.

Back Button X1228V14-2.7A Datasheet HTML 5Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 6Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 7Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 8Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 9Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 10Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 11Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 12Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
X1228
REV 1.3 3/24/04
Characteristics subject to change without notice.
9 of 31
www.xicor.com
DESCRIPTION
The X1228 device is a Real Time Clock with clock/
calendar, two polled alarms with integrated 512x8
EEPROM, oscillator compensation, CPU Supervisor
(POR/LVS and WDT) and battery backup switch.
The oscillator uses an external, low-cost 32.768kHz
crystal. All compensation and trim components are
integrated on the chip. This eliminates several external
discrete components and a trim capacitor, saving
board area and component cost.
The Real-Time Clock keeps track of time with separate
registers for Hours, Minutes, Seconds. The Calendar
has separate registers for Date, Month, Year and Day-
of-week. The calendar is correct through 2099, with
automatic leap year correction.
The powerful Dual Alarms can be set to any Clock/
Calendar value for a match. For instance, every
minute, every Tuesday, or 5:23 AM on March 21. The
alarms can be polled in the Status Register or provide
a hardware interrupt (IRQ Pin).
There is a repeat
mode for the alarms allowing a periodic interrupt.
The PHZ/IRQ pin may be software selected to provide
a frequency output of 1 Hz, 4096 Hz, or 32,768 Hz.
The X1228 device integrates CPU Supervisor func-
tions and a Battery Switch. There is a Power-On Reset
(RESET output) with typically 250 ms delay from
power on. It will also assert RESET when Vcc goes
below the specified threshold. The Vtrip threshold is
user repro-grammable. There is a WatchDog Timer
(WDT) with 3 selectable time-out periods (0.25s,
0.75s, 1.75s) and a disabled setting. The watchdog
activates the RESET pin when it expires.
The device offers a backup power input pin. This
VBACK pin allows the device to be backed up by battery
or SuperCap. The entire X1228 device is fully
operational from 2.7 to 5.5 volts and the clock/calendar
portion of the X1228 device remains fully operational
down to 1.8 volts (Standby Mode).
The X1228 device provides 4K bits of EEPROM with 8
modes of BlockLock™ control. The BlockLock allows a
safe, secure memory for critical user and configuration
data, while allowing a large user storage area.
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of
the device. The input buffer on this pin is always active
(not gated).
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and
out of the device. It has an open drain output and may
be wire ORed with other open drain or open collector
outputs. The input buffer is always active (not gated).
An open drain output requires the use of a pull-up
resistor. The output circuitry controls the fall time of the
output signal with the use of a slope controlled pull-
down. The circuit is designed for 400kHz 2-wire inter-
face speeds.
VBACK
This input provides a backup supply voltage to the
device. VBACK supplies power to the device in the
event the VCC supply fails. This pin can be connected
to a battery, a Supercap or tied to ground if not used.
RESET Output – RESET
This is a reset signal output. This signal notifies a host
processor that the watchdog time period has expired or
that the voltage has dropped below a fixed VTRIP thresh-
old. It is an open drain active LOW output. Recom-
mended value for the pullup resistor is 5K Ohms. If
unused, tie to ground.
Programmable Frequency/Interrupt Output – PHZ/IRQ
This is either an output from the internal oscillator or an
interrupt signal output. It is a CMOS output.
When used as frequency output, this signal has a fre-
quency of 32.768kHz, 4096Hz, 1Hz or inactive.
When used as interrupt output, this signal notifies a
host processor that an alarm has occurred and an
action is required. It is an active LOW output.
NC = No internal connection
X1228
NC
NC
X1
X2
1
2
3
4
13
14
12
11
14-Pin TSSOP/SOIC
5
6
7
10
9
8
RESET
VSS
VCC
VBACK
PHZ/IRQ
NC
SCL
NC
SDA
NC


同様の部品番号 - X1228V14-2.7A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
X1228V14-2.7A INTERSIL-X1228V14-2.7A Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228V14-2.7A INTERSIL-X1228V14-2.7A Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228V14-2.7A RENESAS-X1228V14-2.7A Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

同様の説明 - X1228V14-2.7A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com