データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM3730CUS データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 DM3730CUS
部品情報  Digital Media Processors
Download  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DM3730CUS データシート(HTML) 2 Page - Texas Instruments

  DM3730CUS Datasheet HTML 1Page - Texas Instruments DM3730CUS Datasheet HTML 2Page - Texas Instruments DM3730CUS Datasheet HTML 3Page - Texas Instruments DM3730CUS Datasheet HTML 4Page - Texas Instruments DM3730CUS Datasheet HTML 5Page - Texas Instruments DM3730CUS Datasheet HTML 6Page - Texas Instruments DM3730CUS Datasheet HTML 7Page - Texas Instruments DM3730CUS Datasheet HTML 8Page - Texas Instruments DM3730CUS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Bus
Glueless Interface to Common Video
Decoders
– Up to 8 Chip Select Pins With
128M-Byte Address Space per Chip
Resize Engine
Select Pin
– Resize Images From 1/4x to 4x
– Glueless Interface to NOR Flash,
– Separate Horizontal/Vertical Control
NAND Flash (With ECC Hamming
– System Direct Memory Access (SDMA)
Code Calculation), SRAM and
Controller (32 Logical Channels With
Pseudo-SRAM
Configurable Priority)
– Flexible Asynchronous Protocol
– Comprehensive Power, Reset, and Clock
Control for Interface to Custom Logic
Management
(FPGA, CPLD, ASICs, etc.)
SmartReflexTM Technology
– Nonmultiplexed Address/Data Mode
Dynamic Voltage and Frequency Scaling
(Limited 2K-Byte Address Space)
(DVFS)
– 1.8-V I/O and 3.0-V (MMC1 only),
– ARM® Cortex™-A8 Core
0.9-V to 1.2-V Adaptive Processor Core
ARMv7 Architecture
Voltage
– TrustZone®
0.9-V to 1.1-V Adaptive Core Logic Voltage
– Thumb®-2
Note: These are default Operating
Performance Point (OPP) voltages and could
– MMU Enhancements
be optimized to lower values using
In-Order, Dual-Issue, Superscalar
SmartReflex AVS.
Microprocessor Core
– Commercial, Industrial, and Extended
NEON Multimedia Architecture
Temperature Grades
Over 2x Performance of ARMv6 SIMD
– Serial Communication
Supports Both Integer and Floating Point
5 Multichannel Buffered Serial Ports
SIMD
(McBSPs)
Jazelle® RCT Execution Environment
– 512 Byte Transmit/Receive Buffer
Architecture
(McBSP1/3/4/5)
Dynamic Branch Prediction with Branch
– 5K-Byte Transmit/Receive Buffer
Target Address Cache, Global History
(McBSP2)
Buffer, and 8-Entry Return Stack
– SIDETONE Core Support (McBSP2 and
Embedded Trace Macrocell (ETM)
3 Only) For Filter, Gain, and Mix
Support for Non-Invasive Debug
Operations
– ARM Cortex-A8 Memory Architecture:
– Direct Interface to I2S and PCM Device
32K-Byte Instruction Cache (4-Way
and T Buses
Set-Associative)
– 128 Channel Transmit/Receive Mode
32K-Byte Data Cache (4-Way
Four Master/Slave Multichannel Serial
Set-Associative)
Port Interface (McSPI) Ports
256K-Byte L2 Cache
High-Speed/Full-Speed/Low-Speed USB
– 32K-Byte ROM
OTG Subsystem (12-/8-Pin ULPI Interface)
– 64K-Byte Shared SRAM
High-Speed/Full-Speed/Low-Speed
– Endianess:
Multiport USB Host Subsystem
ARM Instructions - Little Endian
– 12-/8-Pin ULPI Interface or 6-/4-/3-Pin
ARM Data
– Configurable
Serial Interface
DSP Instructions/Data - Little Endian
One HDQ/1-Wire Interface
• Removable Media Interfaces:
Four UARTs (One with Infrared Data
– Three Multimedia Card (MMC)/ Secure Digital
Association [IrDA] and Consumer Infrared
(SD) With Secure Data I/O (SDIO)
[CIR] Modes)
• Test Interfaces
Three Master/Slave High-Speed
Inter-Integrated Circuit (I2C) Controllers
– IEEE-1149.1 (JTAG) Boundary-Scan
Compatible
– Camera Image Signal Processing (ISP)
– Embedded Trace Macro Interface (ETM)
CCD and CMOS Imager Interface
– Serial Data Transport Interface (SDTI)
Memory Data Input
• 12 32-bit General Purpose Timers
BT.601/BT.656 Digital YCbCr 4:2:2
(8-/10-Bit) Interface
• 2 32-bit Watchdog Timers
2
DM3730, DM3725 Digital Media Processors
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725


同様の部品番号 - DM3730CUS

メーカー部品番号データシート部品情報
logo
Texas Instruments
DM3730CUS TI-DM3730CUS Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730CUS TI1-DM3730CUS Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
JULY2011
DM3730CUS100 TI-DM3730CUS100 Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730CUS100 TI1-DM3730CUS100 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
JULY2011
DM3730CUS100NEP TI-DM3730CUS100NEP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
More results

同様の説明 - DM3730CUS

メーカー部品番号データシート部品情報
logo
Texas Instruments
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
JULY2011
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
[Old version datasheet]   Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
DM3730 TI1-DM3730_12 Datasheet
3Mb / 280P
[Old version datasheet]   DM3730, DM3725 Digital Media Processors
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
logo
NXP Semiconductors
PNX1300 PHILIPS-PNX1300 Datasheet
5Mb / 548P
   Media Processors
2002 Feb 15
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com