データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPL5110QDDCTQ1 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPL5110QDDCTQ1
部品情報  AEC-Q100 Nano-Power System Timer for Power Gating
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5110QDDCTQ1 データシート(HTML) 10 Page - Texas Instruments

Back Button TPL5110QDDCTQ1 Datasheet HTML 6Page - Texas Instruments TPL5110QDDCTQ1 Datasheet HTML 7Page - Texas Instruments TPL5110QDDCTQ1 Datasheet HTML 8Page - Texas Instruments TPL5110QDDCTQ1 Datasheet HTML 9Page - Texas Instruments TPL5110QDDCTQ1 Datasheet HTML 10Page - Texas Instruments TPL5110QDDCTQ1 Datasheet HTML 11Page - Texas Instruments TPL5110QDDCTQ1 Datasheet HTML 12Page - Texas Instruments TPL5110QDDCTQ1 Datasheet HTML 13Page - Texas Instruments TPL5110QDDCTQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
DRV
DONE
EN/
ONE_SHOT
DELAY/
M_DRV
ttIPt
POR
RESISTANCE
READING
DRV
DONE
EN/
ONE_SHOT
DELAY/
M_DRV
ttIPt
POR
RESISTANCE
READING
ttIPt
ttDRVt
MISSED
DONE
FORCED
DRV RISING
10
TPL5110-Q1
SNAS681 – FEBRUARY 2017
www.ti.com
Product Folder Links: TPL5110-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Startup
During startup, after POR, the TPL5110-Q1 executes a one-time measurement of the resistance attached to the
DELAY/M_DRV pin in order to determine the desired time interval for DRV. This measurement interval is tR_EXT.
During this measurement a constant current is temporarily flowing into REXT.
Once the reading of the external resistance is completed the TPL5110-Q1 enters automatically in one of the 2
modes according to the EN/ONE_SHOT value.The EN/ONE_SHOT pin needs to be hard wired to GND or VDD
according to the required mode of operation.
Figure 8. Startup - Timer mode
8.4.2 Timer Mode
During timer mode (EN/ONE_SHOT = HIGH), the TPL5110-Q1 asserts periodic DRV pulses according to the
programmed time interval. The length of the DRV pulses is set by the receiving of a DONE pulse from the uC.
See Figure 8.
8.4.3 One Shot Mode
During One shot mode (EN/ONE_SHOT = LOW), the TPL5110-Q1 generates just one pulse at the DRV pin
which lasts according to the programmed time interval. In one-shot mode, other DRV pulses can be triggered
using the DELAY/M_DRV pin. If a valid manual power ON occurs when EN/ONE_SHOT is LOW, the TPL5110-
Q1 generates just one pulse at the DRV pin. The duration of the pulse is set by the programmed time interval.
Also in this case, if a DONE signal is received within the programmed time interval (minus 50ms), the MOSFET
connected to the DRV pin is turned off. See Figure 9 and Figure 10.
Figure 9. Startup One Shot Mode, (DONE Received Within tIP)


同様の部品番号 - TPL5110QDDCTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL5110 TI1-TPL5110 Datasheet
935Kb / 26P
[Old version datasheet]   Supply Voltage from 1.8V to 5.5V
TPL5110 TI1-TPL5110 Datasheet
933Kb / 26P
[Old version datasheet]   TPL5110 Nano-power System Timer for Power Gating
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5110DDCR TI1-TPL5110DDCR Datasheet
933Kb / 26P
[Old version datasheet]   TPL5110 Nano-power System Timer for Power Gating
TPL5110DDCT TI1-TPL5110DDCT Datasheet
933Kb / 26P
[Old version datasheet]   TPL5110 Nano-power System Timer for Power Gating
More results

同様の説明 - TPL5110QDDCTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
TPL5110 TI1-TPL5110_16 Datasheet
933Kb / 26P
[Old version datasheet]   TPL5110 Nano-power System Timer for Power Gating
TPL5111 TI1-TPL5111_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
logo
Monolithic Power System...
MPQ6411 MPS-MPQ6411 Datasheet
317Kb / 14P
   Windowed Watchdog Timer AEC-Q100 Qualified
logo
Texas Instruments
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5100 TI1-TPL5100 Datasheet
859Kb / 20P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
[Old version datasheet]   Nano-Power Programmable Timer
logo
SparkFun Electronics
PRT-15353 SPARKFUN-PRT-15353 Datasheet
216Kb / 2P
   SparkFun Nano Power Timer - TPL5110
6??2??9
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com