データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUC1G02 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74AUC1G02
部品情報  Single 2-input NOR gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUC1G02 データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74AUC1G02 Datasheet HTML 4Page - NXP Semiconductors 74AUC1G02 Datasheet HTML 5Page - NXP Semiconductors 74AUC1G02 Datasheet HTML 6Page - NXP Semiconductors 74AUC1G02 Datasheet HTML 7Page - NXP Semiconductors 74AUC1G02 Datasheet HTML 8Page - NXP Semiconductors 74AUC1G02 Datasheet HTML 9Page - NXP Semiconductors 74AUC1G02 Datasheet HTML 10Page - NXP Semiconductors 74AUC1G02 Datasheet HTML 11Page - NXP Semiconductors 74AUC1G02 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2002 Nov 12
11
Philips Semiconductors
Preliminary specification
Single 2-input NOR gate
74AUC1G02
Suitability of surface mount IC packages for wave and reflow soldering methods
Notes
1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum
temperature (with respect to time) and body size of the package, there is a risk that internal or external package
cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the
Drypack information in the
“Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods”.
2. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink
(at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version).
3. If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave direction.
The package footprint must incorporate solder thieves downstream and at the side corners.
4. Wave soldering is only suitable for LQFP, TQFP and QFP packages with a pitch (e) equal to or larger than 0.8 mm;
it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
5. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is
definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
PACKAGE
SOLDERING METHOD
WAVE
REFLOW(1)
BGA, HBGA, LFBGA, SQFP, TFBGA
not suitable
suitable
HBCC, HLQFP, HSQFP, HSOP, HTQFP, HTSSOP, HVQFN, SMS
not suitable(2)
suitable
PLCC(3), SO, SOJ
suitable
suitable
LQFP, QFP, TQFP
not recommended(3)(4)
suitable
SSOP, TSSOP, VSO
not recommended(5)
suitable


同様の部品番号 - 74AUC1G02

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUC1G00 PHILIPS-74AUC1G00 Datasheet
50Kb / 12P
   Single 2-input NAND gate
2002 Nov 12
74AUC1G00GV PHILIPS-74AUC1G00GV Datasheet
50Kb / 12P
   Single 2-input NAND gate
2002 Nov 12
74AUC1G00GW PHILIPS-74AUC1G00GW Datasheet
50Kb / 12P
   Single 2-input NAND gate
2002 Nov 12
74AUC1G04 PHILIPS-74AUC1G04 Datasheet
53Kb / 12P
   Inverter
2002 Nov 12
74AUC1G04GV PHILIPS-74AUC1G04GV Datasheet
53Kb / 12P
   Inverter
2002 Nov 12
More results

同様の説明 - 74AUC1G02

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
   SINGLE 2-INPUT NOR GATE
logo
Rohm
BU4S01 ROHM-BU4S01 Datasheet
39Kb / 4P
   Single 2-input NOR gate
logo
ON Semiconductor
NL17SG02 ONSEMI-NL17SG02 Datasheet
93Kb / 9P
   Single 2-Input NOR Gate
November, 2014 ??Rev. 6
MC74VHC1G02 ONSEMI-MC74VHC1G02_V01 Datasheet
183Kb / 14P
   Single 2-Input NOR Gate
March, 2022 ??Rev. 22
logo
Nexperia B.V. All right...
74LVC1G02-Q100 NEXPERIA-74LVC1G02-Q100 Datasheet
204Kb / 11P
   Single 2-input NOR gate
logo
Unisonic Technologies
U74AUC1G02 UTC-U74AUC1G02_15 Datasheet
187Kb / 5P
   SINGLE 2-INPUT NOR GATE
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_15 Datasheet
1Mb / 16P
   Single 2-Input NOR Gate
logo
ON Semiconductor
MC74HC1G02 ONSEMI-MC74HC1G02_18 Datasheet
171Kb / 9P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 10
MC74HC1G02 ONSEMI-MC74HC1G02_V01 Datasheet
290Kb / 10P
   Single 2-Input NOR Gate
March, 2022?뭃ev. 12
logo
NXP Semiconductors
74LVC1G02 PHILIPS-74LVC1G02 Datasheet
85Kb / 14P
   Single 2-input NOR gate
2004 Sep 07
logo
ON Semiconductor
MC74VHC1G02 ONSEMI-MC74VHC1G02 Datasheet
99Kb / 8P
   SINGLE 2-INPUT NOR GATE
December, 1999 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com