データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC10D020CIVS データシート(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 ADC10D020CIVS
部品情報  Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10D020CIVS データシート(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC10D020CIVS Datasheet HTML 3Page - National Semiconductor (TI) ADC10D020CIVS Datasheet HTML 4Page - National Semiconductor (TI) ADC10D020CIVS Datasheet HTML 5Page - National Semiconductor (TI) ADC10D020CIVS Datasheet HTML 6Page - National Semiconductor (TI) ADC10D020CIVS Datasheet HTML 7Page - National Semiconductor (TI) ADC10D020CIVS Datasheet HTML 8Page - National Semiconductor (TI) ADC10D020CIVS Datasheet HTML 9Page - National Semiconductor (TI) ADC10D020CIVS Datasheet HTML 10Page - National Semiconductor (TI) ADC10D020CIVS Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Positive Supply Voltages
3.8V
Voltage on Any Pin
−0.3V to (V
A or VD +0.3V)
Input Current at Any Pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Package Dissipation at T
A = 25˚C
See (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
2500V
Machine Model
250V
Soldering Temperature,
Infrared, 10 sec. (Note 6)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
−40˚C
≤ T
A ≤ +85˚C
V
A,VD Supply Voltage
+2.7V to +3.6V
V
DR Supply Voltage
+1.5V to V
D
V
IN Differential Voltage Range
GAIN = Low
±V
REF/2
GAIN = High
±V
REF
V
CM Input Common Mode Range
GAIN = Low
V
REF/4 to (VA–VREF/4)
GAIN = High
V
REF/2 to (VA–VREF/2)
V
REF Voltage Range
0.8V to 1.5V
Digital Input Pins Voltage
Range
−0.3V to (V
A +0.3V)
Converter Electrical Characteristics
The following specifications apply for V
A =VD =VDR = +3.0 VDC,VREF = 1.0 VDC, GAIN = OF = 0V, OS = 3.0V, VIN (ac
coupled) = FSR = 1.0 V
P-P,CL = 15 pF, fCLK = 20 MHz, 50% Duty Cycle, RS =50Ω,trc =tfc < 4 ns, NOT offset corrected.
Boldface limits apply for T
A =TMIN to TMAX: all other limits TA = 25˚C (Note 7).
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
INL
Integral Non-Linearity
±0.65
±1.8
LSB(max)
DNL
Differential Non-Linearity
±0.35
+1.2
−1.0
LSB(max)
LSB(min)
Resolution with No Missing Codes
10
Bits
V
OFF
Offset Error
Without Offset Correction
−5
+10
−16
LSB(max)
LSB(min)
With Offset Correction
+0.5
+1.5
−0.5
LSB(max)
LSB(min)
GE
Gain Error
−4
+6
−14
%FS(max)
%FS(min)
DYNAMIC CONVERTER CHARACTERISTICS
ENOB
Effective Number of Bits
f
IN = 1.0 MHz, VIN = FSR −0.1 dB
9.5
Bits
f
IN = 4.7 MHz, VIN = FSR −0.1 dB
9.5
9.0
Bits(min)
f
IN = 9.5 MHz, VIN = FSR −0.1 dB
9.5
Bits
f
IN = 19.5 MHz, VIN = FSR −0.1 dB
9.5
Bits
SINAD
Signal-to-Noise Plus Distortion
Ratio
f
IN = 1.0 MHz, VIN = FSR −0.1 dB
59
dB
f
IN = 4.7 MHz, VIN = FSR −0.1 dB
59
56
dB(min)
f
IN = 9.5 MHz, VIN = FSR −0.1 dB
59
dB
f
IN = 19.5 MHz, VIN = FSR −0.1 dB
59
dB
SNR
Signal-to-Noise Ratio
f
IN = 1.0 MHz, VIN = FSR −0.1 dB
59
dB
f
IN = 4.7 MHz, VIN = FSR −0.1 dB
59
56
dB(min)
f
IN = 9.5 MHz, VIN = FSR −0.1 dB
59
dB
f
IN = 19.5 MHz, VIN = FSR −0.1 dB
59
dB
THD
Total Harmonic Distortion
f
IN = 1.0 MHz, VIN = FSR −0.1 dB
−73
dB
f
IN = 4.7 MHz, VIN = FSR −0.1 dB
−73
−62
dB(min)
f
IN = 9.5 MHz, VIN = FSR −0.1 dB
−73
dB
f
IN = 19.5 MHz, VIN = FSR −0.1 dB
−73
dB
www.national.com
7


同様の部品番号 - ADC10D020CIVS

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC10D020CIVS TI1-ADC10D020CIVS Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVS TI1-ADC10D020CIVS Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVS/NOPB TI1-ADC10D020CIVS/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVSX TI1-ADC10D020CIVSX Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVSX TI1-ADC10D020CIVSX Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
More results

同様の説明 - ADC10D020CIVS

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC10D020 TI1-ADC10D020_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 TI1-ADC10D020_14 Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com