データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC10D020CIVS データシート(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 ADC10D020CIVS
部品情報  Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10D020CIVS データシート(HTML) 9 Page - National Semiconductor (TI)

Back Button ADC10D020CIVS Datasheet HTML 5Page - National Semiconductor (TI) ADC10D020CIVS Datasheet HTML 6Page - National Semiconductor (TI) ADC10D020CIVS Datasheet HTML 7Page - National Semiconductor (TI) ADC10D020CIVS Datasheet HTML 8Page - National Semiconductor (TI) ADC10D020CIVS Datasheet HTML 9Page - National Semiconductor (TI) ADC10D020CIVS Datasheet HTML 10Page - National Semiconductor (TI) ADC10D020CIVS Datasheet HTML 11Page - National Semiconductor (TI) ADC10D020CIVS Datasheet HTML 12Page - National Semiconductor (TI) ADC10D020CIVS Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply for V
A =VD =VDR = +3.0 VDC,VREF = 1.0 VDC, GAIN = OF = 0V, OS = 3.0V, VIN (ac
coupled) = FSR = 1.0 V
P-P,CL = 15 pF, fCLK = 20 MHz, 50% Duty Cycle, RS =50Ω,trc =tfc < 4 ns, NOT offset corrected.
Boldface limits apply for T
A =TMIN to TMAX: all other limits TA = 25˚C (Note 7).
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
+I
SC
Output Short Circuit Source
Current
V
OUT =0V
Parallel Mode
−7
mA
Multiplexed Mode
−14
mA
−I
SC
Output Short Circuit Sink Current
V
OUT =VDR
Parallel Mode
7
mA
Multiplexed Mode
14
mA
POWER SUPPLY CHARACTERISTICS
I
A +ID
Core Supply Current
PD = LOW, STBY = LOW, dc input
47.6
55
mA(max)
PD = LOW, STBY = HIGH
8.8
mA
PD = HIGH, STBY = LOW or HIGH
0.22
mA
I
DR
Digital Output Driver Supply
Current (Note 10)
PD = LOW, STBY = LOW, dc input
1.3
1.4
mA(max)
PD = LOW, STBY = HIGH
0.1
mA
PD = HIGH, STBY = LOW or HIGH
0.1
mA
PWR
Power Consumption
PD = LOW, STBY = LOW, dc input
150
169
mW(max)
PD = LOW, STBY = LOW, 1 MHz Input
178
mW
PD = LOW, STBY = HIGH
27
mW
PD = HIGH, STBY = LOW or HIGH
<1mW
PSRR1
Power Supply Rejection Ratio
Change in Full Scale with 2.7V to 3.6V Supply
Change
90
dB
PSRR2
Power Supply Rejection Ratio
Rejection at output with 20 MHz, 250 mV
P-P
Riding on V
A and VD
52
dB
AC Electrical Characteristics
OS = Low (Multiplexed Mode)
The following specifications apply for V
A =VD =VDR = +3.0VDC,VREF = 1.0 VDC, GAIN = OF = 0V, OS = 0V, VIN (ac
coupled) = FSR = 1.0 V
P-P,CL = 15 pF, fCLK = 20 MHz, 50% Duty Cycle, RS =50Ω,trc =tfc < 4 ns, NOT offset corrected.
Boldface limits apply for T
A =TMIN to TMAX: all other limits TA = 25˚C (Note 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
f
CLK1
Maximum Clock Frequency
30
20
MHz(min)
f
CLK2
Minimum Clock Frequency
1
MHz
Duty Cycle
50
30
70
%(min)
%(max)
Pipeline Delay (Latency)
I Data
2.5
Clock Cycles
Q Data
3.0
Clock Cycles
t
r,tf
Output Rise and Fall Times
4
ns
t
OC
Offset Correction Pulse Width
10
ns(min)
t
OD
Output Delay from CLK Edge to
Data Valid
13
18
ns(max)
t
DIQ
I/Q Output Delay
13
ns
t
SKEW
I/Q to Data Delay
±200
ps
t
AD
Sampling (Aperture) Delay
2.4
ns
t
AJ
Aperture Jitter
<10
ps(rms)
t
VALID
Data Valid Time
21
ns
Overrange Recovery Time
Differential V
IN step from 1.5V to
0V
50
ns
t
WUPD
PD Low to 1/2 LSB Accurate
Conversion (Wake-Up Time)
<1ms
www.national.com
9


同様の部品番号 - ADC10D020CIVS

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC10D020CIVS TI1-ADC10D020CIVS Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVS TI1-ADC10D020CIVS Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVS/NOPB TI1-ADC10D020CIVS/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVSX TI1-ADC10D020CIVSX Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVSX TI1-ADC10D020CIVSX Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
More results

同様の説明 - ADC10D020CIVS

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC10D020 TI1-ADC10D020_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 TI1-ADC10D020_14 Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com