データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1141 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 ADP1141
部品情報  PRECISION SEMICONDUCTOR PRESSURE SENSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

ADP1141 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  ADP1141 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADP1141 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADP1141 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADP1141 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
29
PF (ADP1)
DIMENTIONS
1. Terminal direction: Direction opposite the pressure inlet
derection ADP11
( )
2. Terminal direction: Pressure inlet direction
ADP12
( )
General tolerance: ±0.3 ±.012 mm inch
10.0
.394
Atmospheric
pressure
inlet hole
0.5 dia.
.020 dia.
Pressure
inlet hole
0.8 dia.
.031 dia.
0.6
.024
8.6
.339
6.0
.236
4.9
.193
3.3 .130
2.54±
0.25
.100±
.010
2.54±
0.25
.100±
.010
0.5±
0.1 .020±.004
1.2±
0.1 .047±.004
1.1
.043
10.16
.400
±0.25
±.010
0.25
.010
+0.1
−0.05
+.004
−.002
0 to 15˚
C0.5
.020
R0.5
.020
10.16
.400
2.54 .100
5.08 .200
2.54
.100
6-0.9 dia.
6-.035 dia.
3.0
dia.
.118
dia.
+0
−0.1
+0
−.004
10.0
.394
Atmospheric
pressure
inlet hole
0.5 dia.
.020 dia.
Pressure
inlet hole
0.8 dia.
.031 dia.
0.6
.024
0.25
.010
8.6
.339
4.0
.157
3.3 .130
0.5±
0.1 .020±.004
1.2±
0.1 .047±.004
C0.5
.020
R0.5
.020
10.16
.400
2.54 .100
5.08 .200
2.54
.100
6-0.9 dia.
6-.035 dia.
6.0
.236
2.54±
0.25
.100±
.010
2.54±
0.25
.100±
.010
0 to 15˚
10.16
.400
±0.25
±.010
3.0
dia.
.118
dia.
+0
−0.1
+0
−.004
0.25
.010
+0.1
−0.05
+.004
−.002
6 dia.
.236 dia.
3. Terminal connection diagram
+Output
−Output
−Input
+Input
R2
R1
R4
R3
Terminal No.
Name
1
Output (
−)
2
Power supply (
+)
3
Output (
+)
4
No connection
5
Power supply (
−)
6
Output (
−)
Note: Leave terminal 4 unconnected.
Tolerance: ±0.1 .004
Tolerance: ±0.1 .004
Recommended PC board pattern
(BOTTOM VIEW)
Recommended PC board pattern
(BOTTOM VIEW)
Tested item
Tested condition
Result
Environmental
characteristics
Endurance
characteristics
Storage at high
temperature
Left in a 120
°C 248°F constant temperature bath
1,000 hrs.
Passed
Temperature:
Time:
High temperature/high
humidity operation
40
°C 104°F, 90% RH
10
6, rated voltage applied
Passed
Temperature/humidity:
Operation times:
Dropping resistance
75 cm 29.528 inch
2 times
Passed
Dropping height:
Times:
Terminal strength
9.8 N {1 kgf}, 10 sec.
4.9 N {0.5 kgf}, left and right 90
° 1 time
Passed
Pulling strength:
Bending strength:
Mechanical
characteristics
Vibration resistance
1.5 mm .059 inch
10 to 55 Hz
X, Y, Z 3 directions
2 hrs each
Passed
Double amplitude:
Vibration:
Applied vibration direction:
Times:
Storage at low
temperature
Left in a –40
°C –40°F constant temperature bath
1,000 hrs.
Passed
Temperature:
Time:
Humidity
Left at 40
°C 104°F, 90% RH
1,000 hrs.
Passed
Temperature/humidity:
Time:
Temperature cycle
–40
°C to 120°C –40°F to 248°F
30 min.
100
Passed
Temperature:
1 cycle:
Times of cycle:
Soldering
Resistance
Soldered in
DIP soldering bath
230
°C 446°F
5 sec.
Passed
Temperature:
Time:
Temperature
260
°C 500°F
10 sec.
Passed
Temperature:
Time:
3. Evaluation test
Note: For details other than listed above, please consult us.
PF PRESSURE SENSOR
2002.10.23 7:58 PM
Page 29


同様の部品番号 - ADP1141

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
ADP1147AN-33 AD-ADP1147AN-33 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
ADP1147AN-5 AD-ADP1147AN-5 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
ADP1147AR-33 AD-ADP1147AR-33 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
ADP1147AR-5 AD-ADP1147AR-5 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
More results

同様の説明 - ADP1141

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KPF010D04 KEC-KPF010D04 Datasheet
523Kb / 3P
   Semiconductor Pressure Sensor
KPF500G01A KEC-KPF500G01A Datasheet
530Kb / 4P
   Semiconductor Pressure Sensor
KPF500G03 KEC-KPF500G03 Datasheet
521Kb / 4P
   Semiconductor Pressure Sensor
KPF102G07 KEC-KPF102G07 Datasheet
551Kb / 2P
   Semiconductor Pressure Sensor
KPF500G02A KEC-KPF500G02A Datasheet
528Kb / 4P
   Semiconductor Pressure Sensor
KPF500G03A KEC-KPF500G03A Datasheet
522Kb / 4P
   Semiconductor Pressure Sensor
KPF500G01 KEC-KPF500G01 Datasheet
530Kb / 4P
   Semiconductor Pressure Sensor
KPF500G02 KEC-KPF500G02 Datasheet
528Kb / 4P
   Semiconductor Pressure Sensor
logo
NXP Semiconductors
MPL3150A2 NXP-MPL3150A2 Datasheet
676Kb / 46P
   I2C precision pressure sensor
MPL3150A2S NXP-MPL3150A2S_V01 Datasheet
665Kb / 46P
   I2C precision pressure sensor
Rev. 1.4 - 29 September 2023
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com