データシートサーチシステム |
|
ADP1211 データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
ADP1211 データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 4 page 28 PF (ADP1) DATA 1. Characteristics data 1-<1> Output characteristics ADP1141 Drive current: 1.5 mA; temperature: 25°C 77°F 1-<2> Offset voltage – temperature characteristics ADP1141 Drive current: 1.5 mA; rating ±5%FS 1-<3> Sensitivity – temperature characteristics (%FS) ADP1141 Drive current: 1.5 mA; rating ±2.5%FS 100 80 60 40 20 0 –20 –40 49 {0.5} 0 98.1 {1} kpa {kgf/cm2} Rated pressure 4 3 2 1 0 –2 –1 25 47 0 32 50 122 Temperature ( °C °F) 4 3 2 1 0 –2 –1 25 47 0 32 50 122 Temperature ( °C °F) 2. Pressure cycle range (0 to rated pressure) Tested sample: ADP1131, temperature: 25°C 77°F –2 –1 0 0 1 2 1 ×105 5 ×105 1×106 Pressure cycle (cycle) –2 –1 0 0 1 2 1 ×105 5 ×105 1×106 Pressure cycle (cycle) Even after testing for 1 million times, the vari- ations in the offset voltage and output span voltage are minimal. 2-<1> Offset voltage range 2-<2> Output span voltage range SPECIFICATIONS Gauge pressure Standard type (With glass base) Type of pressure Type Air (For other medium, please consult us.) Pressure medium 4.9 Rated pressure 0.05 14.7 0.15 34.3 0.35 49.0 0.5 98.1 1.0 196.1 2.0 343.2 3.5 490.3 5.0 833.6 8.5 1.5 times the rated pressure 980.7 10.0 40.0 0.4 Twice the rated pressure 49.0 0.5 Unit: kPa Unit: kgf/cm 2 (approx.) Twice the rated pressure Max. applied pressure –20 to 100 °C –4 to 212°F (no freezing or condensation) Ambient temperature –40 to 120 °C –40 to 248°F (no freezing or condensation) Storage temperature 0 to 50 °C 32 to 122°F 5 to 45 °C 41 to 113 °F 0 to 50 °C 32 to 122 °F Temperature compensation range 1.5 mA DC Drive current (constant current) 100 ±40 mV 43.5 ±22.5 mV 85±45 mV 40 ±20 mV Output span voltage ±20 mV ±15 mV ±25 mV Offset voltage 5000 ±1000 Ω 3300 ±600 Ω 5000±1000 Ω –5 to 50 °C –7 to 122 °F –20 to 100 °C –4 to 212 °F –20 to 70 °C –4 to 158 °F –40 to 120 °C –70 to 248 °F Bridge resistance ±0.7%FS ±0.6%FS ±15%FS ±10%FS ±5.0%FS ±2.5%FS ±10%FS ±1.3%FS ±8%FS ±2.5%FS ±0.5%FS ±0.4%FS ±0.3%FS ±0.2%FS ±0.5%FS ±0.6%FS ±0.3%FS ±0.4%FS ±0.7%FS Linearity Pressure hysteresis Offset voltage-temperature characteristics (0 to 50 °C 32 to 122°F) Sensitivity-temperature characteristics (0 to 50 °C 32 to 122°F) Economy type (Without glass base) Notes) 1. Unless otherwise specified, measurements were taken with a drive current of1.5 mA ±0.01 mA at a temperature of 25°C 77°F and humidity ranging from 25% to 85%. 2. Please consult us if a pressure medium other than air is to be used. 3. This is the regulation which applies within the compensation temperature range. 4. Please consult us if the intended use involves a negative pressure. PF PRESSURE SENSOR 2002.10.23 7:58 PM Page 28 |
同様の部品番号 - ADP1211 |
|
同様の説明 - ADP1211 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |