データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC2900-EVM データシート(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
部品番号 DAC2900-EVM
部品情報  Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC2900-EVM データシート(HTML) 2 Page - Burr-Brown (TI)

  DAC2900-EVM Datasheet HTML 1Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 2Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 3Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 4Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 5Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 6Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 7Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 8Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DAC2900
2
SBAS166B
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
ABSOLUTE MAXIMUM RATINGS
+VA to AGND ........................................................................ –0.3V to +6V
+VD to DGND ........................................................................ –0.3V to +6V
AGND to DGND ................................................................. –0.3V to +0.3V
+VA to +VD ............................................................................... –6V to +6V
CLK, PD to DGND ...................................................... –0.3V to VD + 0.3V
D0-D9 to DGND .......................................................... –0.3V to VD + 0.3V
IOUT, IOUT to AGND ........................................................ –1V to VA + 0.3V
BW, BYP to AGND ..................................................... –0.3V to VA + 0.3V
REFIN, FSA to AGND ................................................. –0.3V to VA + 0.3V
INT/EXT to AGND ...................................................... –0.3V to VA + 0.3V
Junction Temperature .................................................................... +150°C
Case Temperature ......................................................................... +100°C
Storage Temperature ..................................................................... +125°C
PACKAGE
SPECIFIED
DRAWING
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
DESIGNATOR
RANGE
MARKING
NUMBER(1)
MEDIA
DAC2900Y
TQFP-48
355
48-PDF
–40°C to +85°C
DAC2900Y
DAC2900Y/250
Tape and Reel
""
"
"
"
"
DAC2900Y/1K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /1K indicates 1000 devices per reel). Ordering 1000 pieces
of “DAC2900Y/1K” will get a single 1000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
ELECTRICAL CHARACTERISTICS
DAC2900Y
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
10
Bits
Output Update Rate (fCLOCK)
125
MSPS
STATIC ACCURACY(1)
Differential Nonlinearity (DNL)
TA = +25°C
±0.25
LSB
TMIN to TMAX
–1.0
+1.0
LSB
Integral Nonlinearity (INL)
TA = +25°C
±0.25
LSB
TMIN to TMAX
–1.0
+1.0
LSB
DYNAMIC PERFORMANCE
Spurious-Free Dynamic Range (SFDR)
To Nyquist
fOUT = 1MHz, fCLOCK = 50MSPS
0dBFS Output
70
80
dBc
–6dBFS Output
75
dBc
–12dBFS Output
70
dBc
fOUT = 1MHz, fCLOCK = 26MSPS
80
dBc
fOUT = 2.18MHz, fCLOCK = 52MSPS
80
dBc
fOUT = 5.24MHz, fCLOCK = 52MSPS
80
dBc
fOUT = 10.4MHz, fCLOCK = 78MSPS
75
dBc
fOUT = 15.7MHz, fCLOCK = 78MSPS
71
dBc
fOUT = 5.04MHz, fCLOCK = 100MSPS
80
dBc
fOUT = 20.2MHz, fCLOCK = 100MSPS
68
dBc
fOUT = 20.1MHz, fCLOCK = 125MSPS
61
dBc
fOUT = 40.2MHz, fCLOCK = 125MSPS
56
dBc
Spurious-Free Dynamic Range within a Window
fOUT = 1.0MHz, fCLOCK = 50MSPS
2MHz Span
86
dBc
fOUT = 5.02MHz, fCLOCK = 50MSPS
10MHz Span
80
dBc
fOUT = 5.03MHz, fCLOCK = 78MSPS
10MHz Span
80
dBc
fOUT = 5.04MHz, fCLOCK = 125MSPS
10MHz Span
80
dBc
Total Harmonic Distortion (THD)
fOUT = 1MHz, fCLOCK = 50MSPS
–77
–68
dBc
fOUT = 5.02MHz, fCLOCK = 50MSPS
–74
dBc
fOUT = 5.03MHz, fCLOCK = 78MSPS
–73
dBc
fOUT = 5.04MHz, fCLOCK = 125MSPS
–70
dBc
Multitone Power Ratio
8 Tone with 110kHz Spacing
fOUT = 2.0MHz to 2.99MHz, fCLOCK = 65MSPS
0dBFS Output
80
dBc
TMIN to TMAX, +VA = +5V, +VD = +3.3V, differential transformer coupled output, 50ý doubly-terminated, unless otherwise noted. Independant Gain Mode.
PRODUCT
EVM ORDERING NUMBER
COMMENT
DAC2900
DAC2900-EVM
Fully populated evaluation board. See user manual for details.


同様の部品番号 - DAC2900-EVM

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900Y/1K TI1-DAC2900Y/1K Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900Y/1KG4 TI1-DAC2900Y/1KG4 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900Y/250 TI1-DAC2900Y/250 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900Y/250G4 TI1-DAC2900Y/250G4 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results

同様の説明 - DAC2900-EVM

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 TI1-DAC2904 Datasheet
835Kb / 26P
[Old version datasheet]   Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 BURR-BROWN-DAC2904 Datasheet
457Kb / 19P
   Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5500 TI-ADS5500 Datasheet
419Kb / 29P
[Old version datasheet]   14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com