データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8664ARZ-REEL7 データシート(PDF) 11 Page - Analog Devices

部品番号 AD8664ARZ-REEL7
部品情報  Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8664ARZ-REEL7 データシート(HTML) 11 Page - Analog Devices

Back Button AD8664ARZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8664ARZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8664ARZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8664ARZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8664ARZ-REEL7 Datasheet HTML 11Page - Analog Devices AD8664ARZ-REEL7 Datasheet HTML 12Page - Analog Devices AD8664ARZ-REEL7 Datasheet HTML 13Page - Analog Devices AD8664ARZ-REEL7 Datasheet HTML 14Page - Analog Devices AD8664ARZ-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD8661/AD8662/AD8664
Rev. E | Page 11 of 16
TIME (5µs/DIV)
0V
8V
–100mV
0V
VIN
VO
VS = 16V
G = –100
Figure 25. Negative Overload Recovery
FREQUENCY (Hz)
1
1
1k
100
10
10k
1k
100
10
VS = ±2.5V AND ±8V
Figure 26. Voltage Noise Density vs. Frequency
VOS (µV)
–150
0
1800
1600
1400
1200
1000
800
600
400
200
150
100
50
0
–50
–100
VS = 5V
TA = 25°C
VCM = –0.1V TO +3V
Figure 27. Input Offset Voltage Distribution
TCVOS (µV/°C)
0
0
16
14
12
10
8
6
4
2
10
9
8
7
6
5
4
3
2
1
VS = 5V
TA = –40°C TO +125°C
VCM = 2.5V
Figure 28. Offset Voltage Drift Distribution
COMMON-MODE VOLTAGE (V)
–200
200
–100
0
50
100
150
–50
–150
3.5
3.0
2.5
2.0
1.5
1.0
0
–0.5
0.5
VS = 5V
TA = 25°C
Figure 29. Input Offset Voltage vs. Common-Mode Voltage
LOAD CURRENT (mA)
0.001
0.01
0.1
1
10
20
0.1
10k
1k
100
10
1
VDD = 5V
VOL
SINKING
VDD – VOH
SOURCING
Figure 30. Output Swing Saturation Voltage vs. Load Current


同様の部品番号 - AD8664ARZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8664ARZ-REEL7 AD-AD8664ARZ-REEL7 Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
More results

同様の説明 - AD8664ARZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
   Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
March 2017 Rev 5
logo
Analog Devices
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com