データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADD8504WRUZ-REEL7 データシート(PDF) 4 Page - Analog Devices

部品番号 ADD8504WRUZ-REEL7
部品情報  4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADD8504WRUZ-REEL7 データシート(HTML) 4 Page - Analog Devices

  ADD8504WRUZ-REEL7 Datasheet HTML 1Page - Analog Devices ADD8504WRUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADD8504WRUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADD8504WRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADD8504WRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADD8504WRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADD8504WRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADD8504WRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADD8504WRUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADD8504/ADD8505/ADD8506
Rev. D | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 2.
Parameter
Rating
Supply Voltage
7 V
Input Voltage
GND to VCC
Storage Temperature Range
−65°C to +150°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Table 3. Thermal Package Characteristics
Model
Package Type
θJA1
θJC2
Unit
ADD8504WRUZ
16-Lead Pb-Free TSSOP
150
28
°C/W
ADD8505WRUZ
20-Lead Pb-Free TSSOP
143
45
°C/W
ADD8506WRUZ
24-Lead Pb-Free TSSOP
128
45
°C/W
1 θJA is specified for natural convection on a two-layer board.
2 θJC is specified for natural convection on a two-layer board.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD PERFORMANCE
Table 4.
Model
HBM1
MM2
FICDM3
ADD8504WRUZ
4.0 kV
400 V
1.0 kV
ADD8505WRUZ
3.5 kV
200 V
1.0 kV
ADD8506WRUZ
3.5 kV
200 V
1.0 kV
1 Human body model.
2 Machine model.
3 Field induced charge device model.
ESD CAUTION


同様の部品番号 - ADD8504WRUZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADD8504WRUZ-REEL7 AD-ADD8504WRUZ-REEL7 Datasheet
246Kb / 8P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
REV. B
More results

同様の説明 - ADD8504WRUZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADD8504 AD-ADD8504 Datasheet
246Kb / 8P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
REV. B
ADD8506 AD-ADD8506 Datasheet
154Kb / 8P
   6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
REV. 0
AD8509 AD-AD8509_15 Datasheet
207Kb / 12P
   9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8511 AD-AD8511_15 Datasheet
207Kb / 12P
   9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8509 AD-AD8509 Datasheet
183Kb / 8P
   9- and 11-Channel, Muxed Input LCD Reference Drivers
REV. B
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Maxim Integrated Produc...
MAX9590 MAXIM-MAX9590 Datasheet
37Kb / 1P
   14 Programmable Gamma Reference Buffers with 4 Static References for TFT-LCD Displays
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com