データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A-1077B データシート(PDF) 1 Page - TE Connectivity Ltd

部品番号 A-1077B
部品情報  HARTMAN Power Switching DC Contactors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

A-1077B データシート(HTML) 1 Page - TE Connectivity Ltd

  A-1077B Datasheet HTML 1Page - TE Connectivity Ltd A-1077B Datasheet HTML 2Page - TE Connectivity Ltd A-1077B Datasheet HTML 3Page - TE Connectivity Ltd A-1077B Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6–80
HARTMAN Power Switching DC Contactors
For factory-direct application
assistance, phone 419-521-9500 or
A1077 Series, Rated up to 200 Amps, 28 Vdc
For factory-direct application
assistance, phone 419-521-9500 or
fax 419-526-2749.
Product Facts
n SPST NO, Double Break or
SPDT Double Break
n Gasket Sealed
n Auxiliary contacts available
n Meets many requirements
of MIL-PRF-6106
Performance Data
Electrical Characteristics
Contact Arrangement —
SPST NO, Double Break or
SPDT Double Break
Rated Operating Voltage —
28 Vdc
Resistive Rating — 200 Amps
Inrush Rating — 800 Amps
General Characteristics
Temperature Range —
-55°C to +71°C
Operating Cycles (Life) at Rated
Resistive Load, Min. — 50,000
cycles
Operating Cycles (Life)
Mechanical, Min. — 100,000 cycles
Dielectric Strength —
All Circuits to Ground — 1,250 Vrms
Circuit to Circuit — 1,250 Vrms
Coil to Ground and Aux. Contacts —
1,000 Vrms
Weight — 1.50 to 1.90 lbs
Coil Characteristics
Duty Cycle — Continuous
Operating Voltage, Max. —
32 Vdc
Operating Voltage, Nom. —
24 Vdc
Pickup Voltage @ 25°C, Max. —
16.5 Vdc
Dropout Voltage — 1.0 to 7 Vdc
Mounting Style A
Mounting Style B
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.


同様の部品番号 - A-1077B

メーカー部品番号データシート部品情報
logo
Tyco Electronics
A-1077B MACOM-A-1077B Datasheet
82Kb / 1P
   HARTMAN Aerospace Power Products SPDT, 230 Amps, 28 VDC
More results

同様の説明 - A-1077B

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
A-703 TEC-A-703 Datasheet
1Mb / 5P
   HARTMAN Power Switching DC Contactors
A-770 TEC-A-770 Datasheet
2Mb / 5P
   HARTMAN Power Switching DC Contactors
D-32A TEC-D-32A Datasheet
490Kb / 1P
   HARTMAN Power Switching DC Contactors
B-138 TEC-B-138 Datasheet
697Kb / 2P
   HARTMAN Power Switching AC Contactors
logo
List of Unclassifed Man...
124-105111 ETC2-124-105111 Datasheet
242Kb / 1P
   DC POWER CONTACTORS
logo
Tyco Electronics
N-208 MACOM-N-208 Datasheet
45Kb / 1P
   HARTMAN Aerospace Power Products
logo
Zhejiang DongYa Electro...
BZJ-100D DONGYA-BZJ-100D Datasheet
240Kb / 1P
   NC DC Contactors
logo
Tyco Electronics
Q-50B MACOM-Q-50B Datasheet
90Kb / 1P
   HARTMAN Aerospace Power Products
SD167A MACOM-SD167A Datasheet
34Kb / 1P
   HARTMAN Aerospace Power Products
A-751YC MACOM-A-751YC Datasheet
54Kb / 1P
   HARTMAN Aerospace Power Products
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com