データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADuM3190WTRQZ-RL7 データシート(PDF) 4 Page - Analog Devices

部品番号 ADuM3190WTRQZ-RL7
部品情報  High Stability Isolated Error Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADuM3190WTRQZ-RL7 データシート(HTML) 4 Page - Analog Devices

  ADuM3190WTRQZ-RL7 Datasheet HTML 1Page - Analog Devices ADuM3190WTRQZ-RL7 Datasheet HTML 2Page - Analog Devices ADuM3190WTRQZ-RL7 Datasheet HTML 3Page - Analog Devices ADuM3190WTRQZ-RL7 Datasheet HTML 4Page - Analog Devices ADuM3190WTRQZ-RL7 Datasheet HTML 5Page - Analog Devices ADuM3190WTRQZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM3190WTRQZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM3190WTRQZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM3190WTRQZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Data Sheet
ADuM3190
Rev. A | Page 3 of 18
SPECIFICATIONS
VDD1 = VDD2 = 3 V to 20 V for TA = TMIN to TMAX. All typical specifications are at TA = 25°C and VDD1 = VDD2 = 5 V, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ACCURACY
(1.225 V − EAOUT)/1.225 V × 100%; see Figure 27
Initial Error
TA = 25°C
0.25
0.5
%
Total Error
TA = TMIN to TMAX
0.5
1
%
OP AMP
Offset Error
−5
±2.5
+5
mV
Open-Loop Gain
66
80
dB
Input Common-Mode Range
0.35
1.5
V
Gain Bandwidth Product
10
MHz
Common-Mode Rejection
72
dB
Input Capacitance
2
pF
Output Voltage Range
COMP pin
0.2
2.7
V
Input Bias Current
0.01
µA
REFERENCE
Output Voltage
0 mA to 1 mA load, CREFOUT = 15 pF
TA = 25°C
1.215
1.225
1.235
V
TA = TMIN to TMAX
1.213
1.225
1.237
V
Output Current
CREFOUT = 15 pF
2.0
mA
UVLO
Positive Going Threshold
2.8
2.96
V
Negative Going Threshold
2.4
2.6
V
EAOUT Impedance
VDD2 or VDD1 < UVLO threshold
High-Z
Ω
OUTPUT CHARACTERISTICS
See Figure 29
Output Gain1
A, B, S, and T Grades
From COMP to EAOUT, 0.4 V to 2.1 V, ±3 mA
0.9
1.0
1.1
V/V
From EAOUT to EAOUT2, 0.4 V to 2.1 V, ±1 mA,
VDD1 = 20 V
2.34
2.6
2.86
V/V
WS and WT Grades
From COMP to EAOUT, 0.4 V to 2.1 V, ±3 mA
0.83
1.0
1.17
V/V
From EAOUT to EAOUT2, 0.4 V to 2.1 V, ±1 mA,
VDD1 = 20 V
2.5
2.6
2.7
V/V
Output Offset Voltage
From COMP to EAOUT, 0.4 V to 2.1 V, ±3 mA
−0.2
+0.05
+0.2
V
From EAOUT to EAOUT2, 0.4 V to 2.1 V, ±1 mA,
VDD1 = 20 V
−0.1
+0.01
+0.1
V
Output Linearity2
From COMP to EAOUT, 0.4 V to 2.1 V, ±3 mA
−1.0
+0.15
+1.0
%
From EAOUT to EAOUT2, 0.4 V to 2.1 V, ±1 mA,
VDD1 = 20 V
−1.0
+0.1
+1.0
%
Output −3 dB Bandwidth
From COMP to EAOUT, 0.4 V to 2.1 V, ±3 mA,
and from COMP to EAOUT2, 0.4 V to 2.1 V,
±1 mA, VDD1 = 20 V
A, S, and WS Grades
100
200
kHz
B, T, and WT Grades
250
400
kHz
Output Voltage, EAOUT
±3 mA output
Low Voltage
0.4
V
High Voltage
2.4
2.7
V
Output Voltage, EAOUT2
±1 mA output
Low Voltage
VDD1 = 4.5 V to 5.5 V
0.3
0.6
V
VDD1 = 10 V to 20 V
0.3
0.6
V
High Voltage
VDD1 = 4.5 V to 5.5 V
4.8
4.9
V
VDD1 = 10 V to 20 V
5.0
5.4
V
Noise, EAOUT
See Figure 15
1.7
mV rms
Noise, EAOUT2
See Figure 15
4.8
mV rms


同様の部品番号 - ADuM3190WTRQZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM3190 AD-ADUM3190 Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190ARQZ AD-ADuM3190ARQZ Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190ARQZ AD-ADuM3190ARQZ Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190ARQZ-RL7 AD-ADuM3190ARQZ-RL7 Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190ARQZ-RL7 AD-ADuM3190ARQZ-RL7 Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
More results

同様の説明 - ADuM3190WTRQZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM3190S AD-ADUM3190S_18 Datasheet
1Mb / 14P
   High Stability Isolated Error Amplifier
ADUM3190 AD-ADUM3190 Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADUM3190 AD-ADUM3190_13 Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
ADUM4190 AD-ADUM4190_16 Datasheet
526Kb / 21P
   High Stability Isolated Error Amplifier
ADUM4190 AD-ADUM4190 Datasheet
478Kb / 9P
   High-stability Isolated Error Amplifier
Rev. PrA
ADUM3190S AD-ADUM3190S Datasheet
365Kb / 15P
   High Stability Isolated Error Amplifier
Rev. G
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com