データシートサーチシステム |
|
TC322600PAWNBXXZD-PF データシート(PDF) 2 Page - Advanced Crystal Technology |
|
TC322600PAWNBXXZD-PF データシート(HTML) 2 Page - Advanced Crystal Technology |
2 / 3 page TCXO part number generation TC32 2600 M B X N B N X Z L ‐PF ACT series Code Frequency (MHz) Ex. 26.00MHz Temp. stability (±ppm) Supply voltage (V) Operating temp. range (°C) Frequency tuning (±ppm) Output wave Mechanical tuning (±ppm) Polarity Duty Cycle Tape & Reel RoHS Code TC32 < 100MHz First 4 digit of frequency > 100MHz First 5 digit of frequency 0.5 = R 1.0 = P 1.5 = O 2.0 = N 2.5 = M 3.0 = L 1.8V = D 2.5V = C 3.3V = B 5.0V = A 0 ~ 50 = D ‐10 ~ +60 = F ‐20 ~ +70 = B ‐30 ~ +75 = W ‐30 ~ +85 = X ‐40 ~ +85 = K None = NCSW = BNone = XNone = XNot Specified = Z Loose = L 1000 = C 3000 = D ‐PF Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below. Full Example part number : TC322600MBXNBXXZL‐PF [26MHz], TC321474MBXNBXXZL‐PF [14.7456MHz] VC‐TCXO part number generation VTC32 1474 M B X N B X D P E Z L ‐PF ACT series Code Frequency (MHz) Ex. 14.7456MHz Temp. stability (±ppm) Supply voltage (V) Operating temp. range (°C) Frequency tuning (±ppm) Output wave Form Mechanical tuning (±ppm) Electrical tuning (±ppm) Polarity Linearity Duty Cycle Tape & Reel RoHS code VTC32 < 100MHz First 4 digit of frequency > 100MHz First 5 digit of frequency 0.5 = R 1.0 = P 1.5 = O 2.0 = N 2.5 = M 3.0 = L 1.8V = D 2.5V = C 3.3V = B 5.0V = A 0 ~ 50 = D ‐10 ~ +60 = F ‐20 ~ +70 = B ‐30~ +75 = W ‐30 ~ +85 = X ‐40 ~ +85 = K Voltage control only = E CSW = B None = X ±5.0 = D Positive = P ±10% = E Not Specified = Z Loose = L 1000 = C 3000 = D ‐PF Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below. Full example part number : VTC321474MBXEBXDPEZL‐PF (14.7456MHz) (V)TCSW32 Series TCXO/VC‐TCXO, 3.2 x 2.5mm, Clipped sine wave Advanced Crystal Technology (A wholly owned Acal BFi Company) Tel: +44 (0) 118 978 8878 Email info@actcrystals.com / www.actcrystals.com ISO9001 Registered Specifications subject to change without notification |
同様の部品番号 - TC322600PAWNBXXZD-PF |
|
同様の説明 - TC322600PAWNBXXZD-PF |