データシートサーチシステム |
|
SMC5.7682J50J33TR12 データシート(PDF) 1 Page - Kemet Corporation |
|
SMC5.7682J50J33TR12 データシート(HTML) 1 Page - Kemet Corporation |
|
1 / 1 page Generated - d9518620-b648-438c-8912-994dfed36c35 KEMET Part Number: SMC5.7682J50J33 TR12 (F125PP682J050V) Film, Metallized PPS, Commercial Grade, SMC/F125, 6800 pF, 5%, 50 V, 30 V, 100C, 2220, 3mm Dimensions Chip Size 2220 L 5.7mm +/-0.2mm W 5mm +/-0.2mm T 3mm +/-0.2mm F 0.5mm NOM Packaging Specifications Packaging: T&R Packaging Quantity: 2400 General Information Dielectric: Metallized PPS Style: SMD Chip Series: SMC/F125 Features: High Stability RoHS: Yes Approvals: AEC-Q200 AEC-Q200: Yes Specifications Capacitance: 6800 pF Capacitance Tolerance: 5% Voltage DC: 50 VDC Voltage AC: 30 V Temperature Range: -55/+125C Rated Temperature: 100C Dissipation Factor: 0.15% 1kHz, 0.25% 10kHz, 0.5% 100kHz Insulation Resistance: 15 GOhms Max dVdt: 20 V © 2006 - 2017 IntelliData.net Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained. |
同様の部品番号 - SMC5.7682J50J33TR12 |
|
同様の説明 - SMC5.7682J50J33TR12 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |