データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145508 データシート(PDF) 4 Page - Motorola, Inc

部品番号 MC145508
部品情報  PCM CODEC FILTER MONO CIRCUIT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145508 データシート(HTML) 4 Page - Motorola, Inc

  MC145508 Datasheet HTML 1Page - Motorola, Inc MC145508 Datasheet HTML 2Page - Motorola, Inc MC145508 Datasheet HTML 3Page - Motorola, Inc MC145508 Datasheet HTML 4Page - Motorola, Inc MC145508 Datasheet HTML 5Page - Motorola, Inc MC145508 Datasheet HTML 6Page - Motorola, Inc MC145508 Datasheet HTML 7Page - Motorola, Inc MC145508 Datasheet HTML 8Page - Motorola, Inc MC145508 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MC145506
•MC145507•MC145508
MOTOROLA
4
ANALOG TRANSMISSION PERFORMANCE
(VDD = 5 V ± 5%, VSS = –5 V ± 5%, VLS = VAG = 0 V, Vref = RSI = VSS (Internal 3.15 V Reference),
0 dBm0 = 1.546 Vrms = 6 dBm @ 600
Ω, TA = –40° to 85°C, TDC = RDC = CCI, TDE = RCE = MSI, Unless Otherwise Noted)
End–to–End
A/D
D/A
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Absolute Gain (0 dBm0 @ 1.02 kHz, TA = 25°C, VDD = 5 V, VSS = –5 V)
–0.30
0.30
–0.30
0.30
dB
Absolute Gain Variation with Temperature 0
° to 70°C
±0.03
±0.03
dB
Absolute Gain Variation with Temperature –40
° to 85°C
±0.1
±0.1
dB
Absolute Gain Variation with Power Supply (VDD = 5 V, VSS = –5 V, 5%)
±0.02
±0.02
dB
Gain vs Level Tone (Relative to –10 dBm0, 1.02 kHz)
3 to –40 dBm0
–40 to –50 dBm0
–50 to –55 dBm0
–0.4
–0.8
–1.6
0.4
0.8
1.6
–0.2
–0.4
–0.8
0.2
0.4
0.8
–0.2
–0.4
–0.8
0.2
0.4
0.8
dB
Gain vs Level Pseudo Noise (A–Law Relative to –10 dBm0)
CCITT G.714
–10 to –40 dBm0
–40 to –50 dBm0
–50 to –55 dBm0
–0.25
–0.30
–0.45
0.25
0.30
0.45
–0.25
–0.30
–0.45
0.25
0.30
0.45
dB
Total Distortion – 1.02 kHz Tone (C–Message)
0 to –30 dBm0
–40 dBm0
–45 dBm0
35
29
24
36
29
24
36
30
25
dBC
Total Distortion With Pseudo Noise (A–Law)
–3 dBm0
CCITT G.714
–6 to –27 dBm0
–34 dBm0
–40 dBm0
–55 dBm0
27.5
35
33.1
28.2
13.2
28
35.5
33.5
28.5
13.5
28.5
36
34.2
30.0
15.0
dB
Idle Channel Noise (For End–End and A/D, See Note 1)
(Mu–Law, C–Message Weighted)
(A–Law, Psophometric Weighted)
15
–69
15
–69
9
–78
dBrnC0
dBm0p
Frequency Response (Relative to 1.02 kHz @ 0 dBm0)
15 to 60 Hz
300 to 3000 Hz
3400 Hz
4000 Hz
≥4600 Hz
–0.3
–1.6
–23
0.3
0
–28
–60
–0.15
–0.8
–23
0.15
0
–14
–32
–0.15
–0.8
0.15
0.15
0
–14
–30
dB
Inband Spurious (1.02 kHz @ 0 dBm0, Transmit and RxO)
300 to 3000 Hz
–43
–43
dBm0
Out–of–Band Spurious at RxO (300 – 3400 Hz @ 0 dBm0 In)
4600 to 7600 Hz
7600 to 8400 Hz
8400 to 100,000 Hz
–30
–40
–30
–30
–40
–30
dB
Idle Channel Noise Selective @ 8 kHz, Input = VAG, 30 Hz Bandwidth
–70
–70
dBm0
Absolute Delay @ 1020 Hz (TDC = 2.048 MHz, TDE = 8 kHz)
µs
Group Delay Referenced to 1600 Hz (TDC = 2048 kHz,
TDE = 8 kHz)
500 to 600 Hz
600 to 800 Hz
800 to 1000 Hz
1000 to 1600 Hz
1600 to 2600 Hz
2600 to 2800 Hz
2800 to 3000 Hz
µs
Crosstalk of 1020 Hz @ 0 dBm0 From A/D or D/A (Note 2)
–75
–80
dB
Intermodulation Distortion of Two Frequencies of Amplitudes –4 to
–21 dBm0 from the Range 300 to 3400 Hz
–41
–41
dB
NOTES:
1. Extrapolated from a 1020 Hz @ –50 dBm0 distortion measurement to correct for encoder enhancement.
2. Selectively measured while the A/D is stimulated with 2667 Hz @ –50 dBm0.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


同様の部品番号 - MC145508

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145500 MOTOROLA-MC145500 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
MC145501 MOTOROLA-MC145501 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
MC145502 MOTOROLA-MC145502 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
logo
LANSDALE Semiconductor ...
MC145502FN LANSDALE-MC145502FN Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
MC145502FN LANSDALE-MC145502FN Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
More results

同様の説明 - MC145508

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145500 MOTOROLA-MC145500 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506 Datasheet
6Mb / 20P
   PCM Codec-Filter Mono-Circuit
ML145502 LANSDALE-ML145502_08 Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
ML145502 LANSDALE-ML145502 Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com