データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1--21018--5 データシート(PDF) 1 Page - TE Connectivity Ltd

部品番号 1--21018--5
部品情報  Adapter Kits for GREENERD Manual
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1--21018--5 データシート(HTML) 1 Page - TE Connectivity Ltd

  1--21018--5 Datasheet HTML 1Page - TE Connectivity Ltd 1--21018--5 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Instruction Sheet
Adapter Kits for GREENERD Manual
408--9027
LOC B
1
of 2
E
2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company
All Rights Reserved
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks.
*Trademark. Other logos, product and/or Company names may be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
18 Mar 11 Rev C
Frame Assemblies 3A and 3B
Figure 1
Counterbalance Kit 58176--1
(Counterbalance, 2 Screws,
and 2 Nuts)
Board Support Plate Kit 58175--1
(Board Support Plate, Nut,
Screw, and Washer)
Ram Adapter Assembly Kit 58177--1 or --2
(Ram Adapter, Magnet, Dowel Pin, and
1¢4-- or 1¢6--in. Push Block)
GREENERD Manual
Frame Assembly
1. INTRODUCTION
Counterbalance Kit 58176--1, Ram Adapter Assembly
Kit 58177--1 or 58177--2, and Board Support Plate Kit
58175--1 are designed to be installed onto
GREENERD Manual Frame Assemblies 3A and 3B.
These kits are used to adapt the frame assembly for
seating connectors with ACTION PIN* contacts onto
a (pc) printed circuit board.
Read these instructions thoroughly before using the
kits.
Dimensions in this instruction sheet are in
millimeters [with inches in brackets]. Figures are
not drawn to scale.
Reasons for reissue of this instruction sheet are
provided in Section 5, REVISION SUMMARY.
2. DESCRIPTION
When properly assembled onto the frame assembly,
the counterbalance kit balances the handle and ram,
the board support plate kit supports the pc board
during connector seating, and the ram adapter
assembly kit prevents damage to the connector
during seating.
3. INSTALLATION
Refer to Figure 1, and install the adapter kits as
follows:
1. Install the counterbalance onto the handle of the
frame assembly. Secure with the hardware.
2. Install the board support plate onto the base
plate of the frame assembly. Insert the screw
through the hole from the top of the plate. Secure
with the hardware.
The board support plate can be installed in one of
three positions. Choose the position that best
supports the size of the pc board being used.
3. Insert the push block from the ram adapter
assembly kit onto the ram adapter, making sure
that the magnet in the ram adapter holds the push
block. Install the ram adapter onto the ram of the
frame assembly. Insert the dowel pin through the
hole in the ram adapter.
4. REPLACEMENT AND REPAIR
Customer--replaceable parts are listed in Figure 2.
A complete inventory should be stocked and
controlled to prevent lost time when replacement of
NOTE
i
NOTE
i


同様の部品番号 - 1--21018--5

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
1--21000--4 TEC-1--21000--4 Datasheet
123Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
logo
Tyco Electronics
1--21000--5 MACOM-1--21000--5 Datasheet
129Kb / 4P
   Pneumatic CERTI-CRIMP Tool Holder
logo
TE Connectivity Ltd
1--21000--7 TEC-1--21000--7 Datasheet
144Kb / 6P
   2 mm Common Termination Head Assembly
1--21000--7 TEC-1--21000--7 Datasheet
115Kb / 4P
   Base Assembly Universal
1--21000--8 TEC-1--21000--8 Datasheet
115Kb / 4P
   Base Assembly Universal
More results

同様の説明 - 1--21018--5

メーカー部品番号データシート部品情報
logo
Winchester Electronics ...
ADPT1 WINCHESTER-ADPT1 Datasheet
57Kb / 1P
   Adapter Kits
logo
Molex Electronics Ltd.
0011313337 MOLEX11-0011313337 Datasheet
27Kb / 1P
   IDT - Manual - Adapter Kit
0011317559 MOLEX11-0011317559 Datasheet
22Kb / 1P
   IDT - Manual - Adapter Kit
11-21-9933 MOLEX11-11-21-9933 Datasheet
23Kb / 1P
   IDT - Manual - Adapter Kit
11-31-7559 MOLEX11-11-31-7559 Datasheet
28Kb / 1P
   IDT - Manual - Adapter Kit
0011200947 MOLEX11-0011200947 Datasheet
16Kb / 1P
   IDT - Manual - Adapter Kit
0011219933 MOLEX11-0011219933 Datasheet
16Kb / 1P
   IDT - Manual - Adapter Kit
11-20-0947 MOLEX11-11-20-0947 Datasheet
23Kb / 1P
   IDT - Manual - Adapter Kit
11-31-1570 MOLEX11-11-31-1570 Datasheet
22Kb / 1P
   IDT - Manual - Adapter Kit
11-31-2176 MOLEX11-11-31-2176 Datasheet
28Kb / 1P
   IDT - Manual - Adapter Kit
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com