データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6572MQ データシート(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMH6572MQ
部品情報  Triple 2:1 High Speed Video Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6572MQ データシート(HTML) 11 Page - National Semiconductor (TI)

Back Button LMH6572MQ Datasheet HTML 4Page - National Semiconductor (TI) LMH6572MQ Datasheet HTML 5Page - National Semiconductor (TI) LMH6572MQ Datasheet HTML 6Page - National Semiconductor (TI) LMH6572MQ Datasheet HTML 7Page - National Semiconductor (TI) LMH6572MQ Datasheet HTML 8Page - National Semiconductor (TI) LMH6572MQ Datasheet HTML 9Page - National Semiconductor (TI) LMH6572MQ Datasheet HTML 10Page - National Semiconductor (TI) LMH6572MQ Datasheet HTML 11Page - National Semiconductor (TI) LMH6572MQ Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Other Applications (Continued)
POWER DISSIPATION
The LMH6572 is optimized for maximum speed and perfor-
mance in the small form factor of the standard SSOP pack-
age. To achieve its high level of performance, the LMH6572
consumes 23 mA of quiescent current, which cannot be
neglected when considering the total package power dissi-
pation limit. To ensure maximum output drive and highest
performance, thermal shutdown is not provided. Therefore, it
is of utmost importance to make sure that the T
JMAX is never
exceeded due to the overall power dissipation.
Follow these steps to determine the Maximum power dissi-
pation for the LMH6572:
1.
Calculate the quiescent (no-load) power: P
AMP =ICC*
(V
S), where VS =V
+ -V.
2.
Calculate the RMS power dissipated in the output stage:
P
D (rms) = rms ((VS -VOUT)*IOUT), where VOUT and
I
OUT are the voltage across and the current through the
external load and V
S is the total supply voltage.
3.
Calculate the total RMS power: P
T =PAMP +PD.
The maximum power that the LMH6572, package can dissi-
pate at a given temperature can be derived with the following
equation:
P
MAX = (150˚ – TAMB)/
θ
JA, where TAMB = Ambient tempera-
ture (˚C) and
θ
JA = Thermal resistance, from junction to
ambient, for a given package (˚C/W). For the SSOP package
θ
JA is 125˚C/W.
ESD PROTECTION
The LMH6572 is protected against electrostatic discharge
(ESD) on all pins. The LMH6572 will survive 2000V Human
Body model and 200V Machine model events. Under normal
operation the ESD diodes have no effect on circuit perfor-
mance. There are occasions, however, when the ESD di-
odes will be evident. If the LMH6572 is driven by a large
signal while the device is powered down the ESD diodes will
conduct. The current that flows through the ESD diodes will
either exit the chip through the supply pins or will flow
through the device, hence it is possible to power up a chip
with a large signal applied to the input pins. Shorting the
power pins to each other will prevent the chip from being
powered up through the input.
www.national.com
11


同様の部品番号 - LMH6572MQ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6572MQ NSC-LMH6572MQ Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6572MQ/NOPB TI1-LMH6572MQ/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   LMH6572 Triple 2:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572MQX NSC-LMH6572MQX Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6572MQX/NOPB TI1-LMH6572MQX/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   LMH6572 Triple 2:1 High Speed Video Multiplexer
More results

同様の説明 - LMH6572MQ

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
[Old version datasheet]   LMH6572 Triple 2:1 High Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
   Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6570 2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com