データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8091ARZ-REEL1 データシート(PDF) 3 Page - Analog Devices

部品番号 AD8091ARZ-REEL1
部品情報  Low Cost, High Speed Rail-to-Rail Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8091ARZ-REEL1 データシート(HTML) 3 Page - Analog Devices

  AD8091ARZ-REEL1 Datasheet HTML 1Page - Analog Devices AD8091ARZ-REEL1 Datasheet HTML 2Page - Analog Devices AD8091ARZ-REEL1 Datasheet HTML 3Page - Analog Devices AD8091ARZ-REEL1 Datasheet HTML 4Page - Analog Devices AD8091ARZ-REEL1 Datasheet HTML 5Page - Analog Devices AD8091ARZ-REEL1 Datasheet HTML 6Page - Analog Devices AD8091ARZ-REEL1 Datasheet HTML 7Page - Analog Devices AD8091ARZ-REEL1 Datasheet HTML 8Page - Analog Devices AD8091ARZ-REEL1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8091/AD8092
Rev. C | Page 3 of 20
SPECIFICATIONS
TA = 25°C, VS = 5 V, RL = 2 kΩ to 2.5 V, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
G = +1, VO = 0.2 V p-p
70
110
MHz
G = −1, +2, VO = 0.2 V p-p
50
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 0.2 V p-p,
RL = 150 Ω to 2.5 V, RF = 806 Ω
20
MHz
Slew Rate
G = −1, VO = 2 V step
100
145
V/μs
Full Power Response
G = +1, VO = 2 V p-p
35
MHz
Settling Time to 0.1%
G = −1, VO = 2 V step
50
ns
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion (See Figure 11)
fC = 5 MHz, VO = 2 V p-p, G = +2
−67
dB
Input Voltage Noise
f = 10 kHz
16
nV/√Hz
Input Current Noise
f = 10 kHz
850
fA/√Hz
Differential Gain Error (NTSC)
G = +2, RL = 150 Ω to 2.5 V
0.09
%
RL = 1 kΩ to 2.5 V
0.03
%
Differential Phase Error (NTSC)
G = +2, RL = 150 Ω to 2.5 V
0.19
Degrees
RL = 1 kΩ to 2.5 V
0.03
Degrees
Crosstalk
f = 5 MHz, G = +2
−60
dB
DC PERFORMANCE
Input Offset Voltage
1.7
10
mV
TMIN to TMAX
25
mV
Offset Drift
10
μV/°C
Input Bias Current
1.4
2.5
μA
TMIN to TMAX
3.25
μA
Input Offset Current
0.1
0.75
μA
Open-Loop Gain
RL = 2 kΩ to 2.5 V
86
98
dB
TMIN to TMAX
96
dB
RL = 150 Ω to 2.5 V
76
82
dB
TMIN to TMAX
78
dB
INPUT CHARACTERISTICS
Input Resistance
290
Input Capacitance
1.4
pF
Input Common-Mode Voltage Range
−0.2 to +4
V
Common-Mode Rejection Ratio
VCM = 0 V to 3.5 V
72
88
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 10 kΩ to 2.5 V
0.015 to 4.985
V
RL = 2 kΩ to 2.5 V
0.100 to 4.900
0.025 to 4.975
V
RL = 150 Ω to 2.5 V
0.300 to 4.625
0.200 to 4.800
V
Output Current
VOUT = 0.5 V to 4.5 V
45
mA
TMIN to TMAX
45
mA
Short-Circuit Current
Sourcing
80
mA
Sinking
130
mA
Capacitive Load Drive
G = +1
50
pF
POWER SUPPLY
Operating Range
3
12
V
Quiescent Current/Amplifier
4.4
5
mA
Power Supply Rejection Ratio
ΔVS = ±1 V
70
80
dB
OPERATING TEMPERATURE RANGE
−40
+85
°C


同様の部品番号 - AD8091ARZ-REEL1

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8091ARZ-REEL AD-AD8091ARZ-REEL Datasheet
488Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
AD8091ARZ-REEL AD-AD8091ARZ-REEL Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8091ARZ-REEL7 AD-AD8091ARZ-REEL7 Datasheet
488Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
AD8091ARZ-REEL7 AD-AD8091ARZ-REEL7 Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
More results

同様の説明 - AD8091ARZ-REEL1

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8051 AD-AD8051 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8092 AD-AD8092_15 Datasheet
548Kb / 21P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051 AD-AD8051_06 Datasheet
502Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. G
AD8091 AD-AD8091_05 Datasheet
488Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com