データシートサーチシステム |
|
TP03AZ-S05 データシート(PDF) 2 Page - Toppower Electronic Technology Limited |
|
TP03AZ-S05 データシート(HTML) 2 Page - Toppower Electronic Technology Limited |
2 / 3 page TP03AZ Series www.gztoppower.con TEL:0086-20-82019000 Email:sales2@gztoppower.com Page 2 / 3 OUTPUT CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Voltage accuracy Io=0.1…1.0 x Ionom Vi=Vi rated ±2 % ±2 % Line regulation Vimin≤Vi≤Vimax ±0.1 % Load regulation Io=0.1…1.0 x Ionom Vimin≤ Vi≤Vimax ±1 % Ripple and noise 20MHz bandwidth 50 mVp-p Over-current protection Vimin≤Vi≤Vimax 120 % Switch frequency Vimin≤Vi≤Vimax 100K Hz INPUT CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Startup voltage 220VAC In module(90V-264V) 90 220 264 VAC Input frequency 47 ~ 440Hz Input current 45mA / 115VAC 23m A / 230VAC ENVIRONMENT CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Operating temperature industrial-class -40 +70 ℃ Maximum case temperature industrial-class +95 ℃ Storage temperature Industry-class -40 +85 ℃ Relative humidity No condensation 25 85 RH(%) Temperature coefficient ±0.03 %/℃ Output Derating |
同様の部品番号 - TP03AZ-S05 |
|
同様の説明 - TP03AZ-S05 |