データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP08DA48S12 データシート(PDF) 1 Page - Toppower Electronic Technology Limited

部品番号 TP08DA48S12
部品情報  8W Wide Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOPPOWER [Toppower Electronic Technology Limited]
ホームページ  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP08DA48S12 データシート(HTML) 1 Page - Toppower Electronic Technology Limited

  TP08DA48S12 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP08DA48S12 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP08DA48S12 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP08DA48S12 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP08DA Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 1 / 4
DESCRIPTION
The rated output power of TP08DA converters is 8W,the outline dimensions is
"31.75*20.32*11.2", 2:1 and 4:1 wide input Voltage range,the voltage range is
9V-18V,18V-36V,36V-72V,9V-36V and 18V-72VDC.The accuracy of the converter can reach
±1% it can be widely used in telecommunications, railway transportation, instrument and etc.
8W Wide Input Voltage DC/DC Converters
FEATURES
8W output power
2:1 and 4:1 wide input voltage range
Over load protection
31.75mm*20.32mm*11.2mm standard package
Fixed switching frequency
Over voltage protection
Metal shell package
RoHS compliant
Operating temperature: -40℃to 85℃
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency(Typ)
%
Maxmum capacitive
load
(u F)
voltage
(VDC)
Voltage
(VDC)
Current
(A)
Rated
Range values
TP08DA12S03
12(2:1)
9-18
3.3
2.2
≥77
2200
TP08DA12S05
12(2:1)
9-18
5
1.6
≥79
1500
TP08DA12S12
12(2:1)
9-18
12
0.6
≥82
660
TP08DA12S15
12(2:1)
9-18
15
0.5
≥84
470
TP08DA12D05
12(2:1)
9-18
±5
±0.8
≥79
±850
TP08DA12D12
12(2:1)
9-18
±12
±0.33
≥82
±140
TP08DA12D15
12(2:1)
9-18
±15
±0.26
≥84
±47
TP08DA24S03
24(2:1)
18-36
3.3
2.2
≥78
2200
TP08DA24S05
24(2:1)
18-36
5
1.6
≥80
1500
TP08DA24S12
24(2:1)
18-36
12
0.6
≥84
660
TP08DA24S15
24(2:1)
18-36
15
0.5
≥86
470
TP08DA24S24
24(2:1)
18-36
24
0.33
≥83
470
TP08DA24D05
24(2:1)
18-36
±5
±0.8
≥81
±850
TP08DA24D12
24(2:1)
18-36
±12
±0.33
≥84
±140
TP08DA24D15
24(2:1)
18-36
±15
±0.26
≥86
±47
TP08DA48S03
48(2:1)
36-72
3.3
2.2
≥78
2200
TP08DA48S05
48(2:1)
36-72
5
1.6
≥80
1500
TP08DA48S12
48(2:1)
36-72
12
0.6
≥84
660
TP08DA48S15
48(2:1)
36-72
15
0.5
≥86
470
TP08DA48D05
48(2:1)
36-72
±5
±0.8
≥80
±850
TP08DA48D12
48(2:1)
36-72
±12
±0.33
≥84
±140
TP08DA48D15
48(2:1)
36-72
±15
±0.26
≥83
±47
TP08DA24S05W
24(4:1)
9-36
5
1.6
≥80
1500
TP08DA24S12W
24(4:1)
9-36
12
0.6
≥82
660
TP08DA24S15W
24(4:1)
9-36
15
0.5
≥84
470
TP08DA24D05W
24(4:1)
9-36
±5
±0.8
≥80
±850
TP08DA24D12W
24(4:1)
9-36
±12
±0.33
≥82
±140
TP08DA24D15W
24(4:1)
9-36
±15
±0.26
≥84
±47
TP08DA48S05W
48(4:1)
18-72
5
1.6
≥77
1500
TP08DA48S12W
48(4:1)
18-72
12
0.6
≥80
660
TP08DA48S15W
48(4:1)
18-72
15
0.5
≥84
470
TP08DA48D05W
48(4:1)
18-72
±5
±0.8
≥80
±850
TP08DA48D12W
48(4:1)
18-72
±12
±0.33
≥82
±140
TP08DA48D15W
48(4:1)
18-72
±15
±0.26
≥79
±47


同様の部品番号 - TP08DA48S12

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TP0011A TAI-SAW-TP0011A Datasheet
286Kb / 6P
   OCXO PTH 36.2mmx27.2mm 20MHz
REV. NO.: 1.0
TP0019A TAI-SAW-TP0019A Datasheet
315Kb / 6P
   OCXO SMD 25.4mmx22mm 10MHz
REV. NO.: 1.0
TP0026A TAI-SAW-TP0026A Datasheet
277Kb / 4P
   OCXO SMD 14.1mmx9.1mm 20MHz
REV. NO.: 1.0
logo
Crydom Inc.,
TP01 CRYDOM-TP01 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Toppower Electronic Tec...
TP01(02)AZ TOPPOWER-TP01(02)AZ Datasheet
261Kb / 3P
   1W, 2W 3KVAC Isolation Wide Input AC/DC Converters
More results

同様の説明 - TP08DA48S12

メーカー部品番号データシート部品情報
logo
MicroPower Direct, LLC
A800ERW MPD-A800ERW Datasheet
196Kb / 2P
   Low Cost, 8W DIP Wide Input Range DC/DC Converters
MR0802S-03RUI MPD-MR0802S-03RUI Datasheet
569Kb / 2P
   Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Converters
logo
Toppower Electronic Tec...
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
   20W Wide Input Voltage DC/DC Converters
TP05DA-3KVDC TOPPOWER-TP05DA-3KVDC Datasheet
202Kb / 4P
   5W Wide Input Voltage DC/DC Converters
TP05DB TOPPOWER-TP05DB Datasheet
196Kb / 4P
   5W Wide Voltage Input DC/DC Converters
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
   30W Wide Voltage Input DC/DC Converters
TP06DB TOPPOWER-TP06DB Datasheet
186Kb / 4P
   6W Wide Voltage Input DC/DC Converters
TP40DG TOPPOWER-TP40DG Datasheet
206Kb / 4P
   40W Wide Input Voltage DC/DC Converters
TP06DA TOPPOWER-TP06DA Datasheet
201Kb / 4P
   6W Wide Input Voltage DC/DC Converters
TP12DC TOPPOWER-TP12DC Datasheet
152Kb / 4P
   12W Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com