データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP10DC24D05 データシート(PDF) 3 Page - Toppower Electronic Technology Limited

部品番号 TP10DC24D05
部品情報  10W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOPPOWER [Toppower Electronic Technology Limited]
ホームページ  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP10DC24D05 データシート(HTML) 3 Page - Toppower Electronic Technology Limited

  TP10DC24D05 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP10DC24D05 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP10DC24D05 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP10DC24D05 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TP10DC Series
www.gztoppower.com
TEL:020-61038836 EMAIL:sales@gztoppower.com
page 3 of 4
Units:mm
Tolerance:±0.2mm
TEMPERATURE DERATING GRAPHS
MECHANICAL DIMENSIONS
PIN CONNECTIONS
DIP Package
Pin
Single output
Dual output
1
+Vin
+Vin
2
-Vin
-Vin
3
-Vout
-Vout
4
/
Com
5
+Vout
+Vout
MODEL SELECTION
TP
10
D C
24
S 05
W
W:4:1 Wide voltage input range
Output voltage
S: single output
D: Dual output
Input Rated Voltage
Package type
DC-DC
Output rated power
Brand name
12
120
Safe Operating Area
10
8
6
100
80
4
2
0
-25
0
20
40
60
Ambient Temperature(° C)
55° C
50.80
25.40
10.16
10.16
15.24
20.32
10.16
11.20
>4.00
1.00
1.20
5.08
1
2
5
4
3
bottom view
TOPPOWER


同様の部品番号 - TP10DC24D05

メーカー部品番号データシート部品情報
logo
Toppower Electronic Tec...
TP10DA TOPPOWER-TP10DA Datasheet
775Kb / 3P
   10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP10DA24D12 TOPPOWER-TP10DA24D12 Datasheet
775Kb / 3P
   10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
164Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
688Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
648Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
More results

同様の説明 - TP10DC24D05

メーカー部品番号データシート部品情報
logo
Toppower Electronic Tec...
TP10DA TOPPOWER-TP10DA Datasheet
775Kb / 3P
   10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP10DB TOPPOWER-TP10DB_V02 Datasheet
648Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
164Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB_V01 Datasheet
688Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
   6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP50DG TOPPOWER-TP50DG Datasheet
388Kb / 2P
   50W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
   20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH TOPPOWER-TP100DH Datasheet
741Kb / 3P
   100W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG_19 Datasheet
741Kb / 4P
   40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC_19 TOPPOWER-TP15DC_19_04 Datasheet
262Kb / 4P
   15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com