データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP10DC24D12 データシート(PDF) 1 Page - Toppower Electronic Technology Limited

部品番号 TP10DC24D12
部品情報  10W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOPPOWER [Toppower Electronic Technology Limited]
ホームページ  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP10DC24D12 データシート(HTML) 1 Page - Toppower Electronic Technology Limited

  TP10DC24D12 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP10DC24D12 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP10DC24D12 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP10DC24D12 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP10DC Series
www.gztoppower.com
TEL:020-61038836 EMAIL:sales@gztoppower.com
page 1 of 4
DESCRIPTION:
The rated output power of TP10DC converters is 10W,the outline dimensions is "50.8*25.4*11.2",
2:1 and 4:1 wide input voltage range, the voltage range is 9V-18V,18V-36V,36V-72V,9V-36V and
18V-72VDC.The accuracy of the converter can reach ±1%,it can be widely used in
telecommunications, railway transportation, instrument and etc.
10W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
10W output power
2:1&4:1 input voltage range
Over load protection
50.8mm*25.4mm*11.2mm standard package
Fixed switching frequency
Operating temperature: -40℃to 85ºC
Metal shielding package
RoHS compliant
1.5KVDC isolation
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency(Typ)
%
Maximum Capacitive
Load
u F)
voltage(VDC)
Voltage(VDC)
Current(A)
Rated
Range values
TP10DC12S03
12(2:1)
9-18
3.3
2
≥75
6800
TP10DC12S05
12(2:1)
9-18
5
2
≥77
4700
TP10DC12S12
12(2:1)
9-18
12
0.84
≥80
690
TP10DC12S15
12(2:1)
9-18
15
0.66
≥82
470
TP10DC12D05
12(2:1)
9-18
±5
±1
≥77
±680
TP10DC12D12
12(2:1)
9-18
±12
±0.42
≥79
±330
TP10DC12D15
12(2:1)
9-18
±15
±0.33
≥80
±110
TP10DC24S03
24(2:1)
18-36
3.3
2
≥76
6800
TP10DC24S05
24(2:1)
18-36
5
2
≥79
4700
TP10DC24S12
24(2:1)
18-36
12
0.84
≥81
690
TP10DC24S15
24(2:1)
18-36
15
0.66
≥83
470
TP10DC24D05
24(2:1)
18-36
±5
±1
≥80
±680
TP10DC24D12
24(2:1)
18-36
±12
±0.42
≥80
±330
TP10DC24D15
24(2:1)
18-36
±15
±0.33
≥83
±110
TP10DC48S03
48(2:1)
36-72
3.3
2
≥78
6800
TP10DC48S05
48(2:1)
36-72
5
2
≥81
4700
TP10DC48S12
48(2:1)
36-72
12
0.84
≥82
690
TP10DC48S15
48(2:1)
36-72
15
0.66
≥83
470
TP10DC48D05
48(2:1)
36-72
±5
±1
≥81
±680
TP10DC48D12
48(2:1)
36-72
±12
±0.42
≥82
±330
TP10DC48D15
48(2:1)
36-72
±15
±0.33
≥83
±110
TP10DC24S05W
24(4:1)
9-36
5
2
≥78
4700
TP10DC24S12W
24(4:1)
9-36
12
0.84
≥80
690
TP10DC24S15W
24(4:1)
9-36
15
0.66
≥82
470
TP10DC24D05W
24(4:1)
9-36
±5
±1
≥79
±680
TP10DC24D12W
24(4:1)
9-36
±12
±0.42
≥79
±330
TP10DC24D15W
24(4:1)
9-36
±15
±0.33
≥82
±110
TP10DC48S05W
48(4:1)
18-72
5
2
≥80
4700
TP10DC48S12W
48(4:1)
18-72
12
0.84
≥81
690
TP10DC48S15W
48(4:1)
18-72
15
0.66
≥82
470
TP10DC48D05W
48(4:1)
18-72
±5
±1
≥79
±680
TP10DC48D12W
48(4:1)
18-72
±12
±0.42
≥80
±330
TP10DC48D15W
48(4:1)
18-72
±15
±0.33
≥81
±110
TOPPOWER


同様の部品番号 - TP10DC24D12

メーカー部品番号データシート部品情報
logo
Toppower Electronic Tec...
TP10DA TOPPOWER-TP10DA Datasheet
775Kb / 3P
   10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP10DA24D12 TOPPOWER-TP10DA24D12 Datasheet
775Kb / 3P
   10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
164Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
688Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
648Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
More results

同様の説明 - TP10DC24D12

メーカー部品番号データシート部品情報
logo
Toppower Electronic Tec...
TP10DA TOPPOWER-TP10DA Datasheet
775Kb / 3P
   10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP10DB TOPPOWER-TP10DB_V02 Datasheet
648Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
164Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB_V01 Datasheet
688Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
   6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP50DG TOPPOWER-TP50DG Datasheet
388Kb / 2P
   50W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
   20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH TOPPOWER-TP100DH Datasheet
741Kb / 3P
   100W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG_19 Datasheet
741Kb / 4P
   40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC_19 TOPPOWER-TP15DC_19_04 Datasheet
262Kb / 4P
   15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com