データシートサーチシステム |
|
TPH4815S データシート(PDF) 3 Page - Toppower Electronic Technology Limited |
|
TPH4815S データシート(HTML) 3 Page - Toppower Electronic Technology Limited |
3 / 4 page TPH Series www.gztoppower.com TEL:0086-20-82019000 Email:sales2@gztoppower.com Page3 /4 All dimensions in mm ±0.25mm. All pins on a 2.54 mm pitch and within ±0.25mm of true position. Weight: 2.85g (DIP) 2.76g (SIP) * Pin not fitted on single output variants. ABSOLUTE MAXIMUM RATINGS Short-circuit protection 1 second Lead temperature 1.5mm from case for 10 seconds 300 ℃ Internal power dissipation 300mW Input voltage Vin, TPH05 7V Input voltage Vin, TPH12 15V Input voltage Vin, TPH24 28V Input voltage Vin, TPH48 54V TEMPER ATURE CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Specification All output -40 85 ℃ Storage -50 130 ℃ Case Temperature above 5V output 33 ℃ Case Temperature above 12V output 27 ℃ Cooling Free air convection TEMPERATURE DERATING GRAPHS TOLERANCE ENVELOPES MECHANICAL DIMENSIONS PIN CONNECTIONS-14PIN DIP Pin Function 1 -Vin 7 NC 8 OV 9 +Vout 11 -Vout 14 +Vin PIN CONNECTIONS-7PIN SIP Pin Function 1 +Vin 2 -Vin 4 -Vout 5 OV 6 +Vout All specifications typical at TA=25 ℃, nominal input voltage and rated output current unless otherwise Typical Load Line 10 25 50 75 100 -7.5% +2.5% -2.5% NOM V +5% +10% Output Load Current(%) Safe Operating Area 85° C Ambient Temperature(° C) 150 100 50 0 -40 0 1.0 2.0 3.0 DIP Package SIP Package 2.00 12.70 2.54 YYWW TPH0505S 19.50 0.55 0.45 TPH0505D YYWW 19.50 4.60 3.60 2.54 7.62 2.13 15.24 1.09 0.30 0.20 0.55 0.45 1 7 8 9 11 14 1 2 4 5 6 9.80 7.70 7.50 10.00 0.55 0.45 4.60 3.60 0.30 0.20 1.25 bottom view bottom view TOPPOWER TOPPOWER |
同様の部品番号 - TPH4815S |
|
同様の説明 - TPH4815S |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |