データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDT データシート(PDF) 1 Page - TE Connectivity Ltd

部品番号 SDT
部品情報  Shielded coaxial cable lead
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SDT データシート(HTML) 1 Page - TE Connectivity Ltd

  SDT Datasheet HTML 1Page - TE Connectivity Ltd SDT Datasheet HTML 2Page - TE Connectivity Ltd SDT Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSOR SOLUTIONS /// SDT Shielded Piezo Sensors Rev 1
9/2015
Page 1
DIMENSION in INCHES (mm)
A
Film
B
Electrode
C
Film
D
Electrode
t
(
μm)
Cap
(nF)
.640 (16)
.520 (13)
1.64 (41)
1.18 (30)
75
2.78
SDT SHIELDED PIEZO SENSORS
SPECIFICATIONS
Shielded coaxial cable lead
Shielded sensor
Low noise
Flexible
Multi-purpose
Piezo film Technology
The “S” in SDT stands for “Shielded Sensor.”
SDT1 Piezo Film Sensors consist of a rectangular
element of Piezo film together with a molded plastic
housing and 18” of coaxial cable. The film element, screen
printed with silver ink, is folded over on itself, providing
self-shielding of the transducer area. This is important in
applications in high EMI environments.
The SDT1 can be adhered to other surfaces using
double sided adhesives, epoxy or cyanoacrylate (super
glue). Care should be taken if the sensor is to be removed,
as the double-side adhesive can peel the metallization
from the film.
When adhered to a surface in this manner, the
SDT1 is an excellent contact microphone or dynamic
strain gage. The output from the SDT1 can input directly to
an oscillosco
pe (10 MΩ preferred input impedance) or a
signal analyzer.
FEATURES
Shielded piezo film sensor
High longitudinal strain coefficient
Integral coax cable
Wide frequency response
APPLICATIONS
Machine monitoring
Acoustic emission detection
Contact microphone
Vibration / impact sensing
Detecting machine tool chatter
Acoustic pickup
Vibration analysis for equipment and product design
DIMENSIONS


同様の部品番号 - SDT

メーカー部品番号データシート部品情報
logo
C&K Components
SDT CK-COMPONENTS-SDT Datasheet
139Kb / 1P
   Micro Mini Pendulum Surface Mount Detect Switches
logo
List of Unclassifed Man...
SDT ETC2-SDT Datasheet
609Kb / 4P
   SMD Shielded Power Inductors
logo
Tyco Electronics
SDT MACOM-SDT Datasheet
173Kb / 2P
   10 Amp Miniature Power PC Board Relay
logo
Micro Electronics
SDT-1204P MICRO-ELECTRONICS-SDT-1204P Datasheet
201Kb / 1P
   SMD POWER INDUCTORS
SDT-1204P-9RO-121 MICRO-ELECTRONICS-SDT-1204P-9RO-121 Datasheet
201Kb / 1P
   SMD POWER INDUCTORS
More results

同様の説明 - SDT

メーカー部品番号データシート部品情報
logo
PANDUIT CORP.
D-602-73 PANDUIT-D-602-73 Datasheet
182Kb / 1P
   SHIELDED CONTACT, SOCKET COAXIAL CABLE
logo
List of Unclassifed Man...
GSC-261 ETC2-GSC-261 Datasheet
110Kb / 3P
   Two-Piece Grounding Connectors for Shielded and Coaxial Cable
logo
Mini-Circuits
047-12SMP MINI-047-12SMP Datasheet
287Kb / 2P
   Coaxial Cable
047-12SMPR MINI-047-12SMPR Datasheet
291Kb / 2P
   Coaxial Cable
086-8SM MINI-086-8SM Datasheet
558Kb / 3P
   Coaxial Cable
086-4SBSMR MINI-086-4SBSMR Datasheet
388Kb / 2P
   Coaxial Cable
086-6SMRC MINI-086-6SMRC Datasheet
284Kb / 2P
   Coaxial Cable
086-7SBSM MINI-086-7SBSM Datasheet
441Kb / 2P
   Coaxial Cable
086-10SMR MINI-086-10SMR Datasheet
385Kb / 2P
   Coaxial Cable
086-11SM MINI-086-11SM Datasheet
547Kb / 3P
   Coaxial Cable
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com