データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Q-50S データシート(PDF) 7 Page - TE Connectivity Ltd

部品番号 Q-50S
部品情報  HARTMAN Sensors and Protective Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

Q-50S データシート(HTML) 7 Page - TE Connectivity Ltd

  Q-50S Datasheet HTML 1Page - TE Connectivity Ltd Q-50S Datasheet HTML 2Page - TE Connectivity Ltd Q-50S Datasheet HTML 3Page - TE Connectivity Ltd Q-50S Datasheet HTML 4Page - TE Connectivity Ltd Q-50S Datasheet HTML 5Page - TE Connectivity Ltd Q-50S Datasheet HTML 6Page - TE Connectivity Ltd Q-50S Datasheet HTML 7Page - TE Connectivity Ltd Q-50S Datasheet HTML 8Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
6–139
HARTMAN Sensors and Protective Devices
6
For factory-direct application
assistance, phone 419-521-9500 or
fax 419-526-2749.
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
Q-50 Series Relay, Current Indicator, Rated up to 20 Amps, 28 Vdc
Mounting Style A
Mounting Style B
Product Facts
n SPST NC or SPST NO
n Environmentally sealed
n Meets many requirements
of MIL-PRF-6106
Performance Data
Electrical Characteristics
Contact Arrangement —
SPST NC, SPST NO or SPDT
Contact Rating @ 28 Vdc —
Q-50AB-2 — 0.2 Amp
Q-50J, — 0.25 Amp
Q-50AG — 1.0 Amp
Q-50AB-1 — 1 Amp switching, and
2 Amps carry
Q50AC — 2 Amp
Lamp Load @ 28 Vdc —
Q-50AC, Q-50AB-2 — 0.08 Amp
Q-50J, Q-50AG — 0.20 Amp
Operating Voltage, Nom. — 28 Vdc
Sensing Current Rating —
20 Amps continuous, max. except for
Q-50AB-1 and Q-50AB-2 which are 10
Amps max. and 15 Amps max. for 3 sec.
Q50AC 2 Amps continuous 10 Amps
max. for 5 seconds
Pickup Max. —
Q-50AC — 0.3 Amp
Q-50AB-1, Q-50AB-2 — 1.5 Amp
Q-50J — 3.5 Amps DC
Q-50AG — 6 Amps DC ± 20%
Dropout Min. —
Q-50AC — 0.1 Amp
Q-50J — 0.5 Amp
Q-50AB-1, Q-50AB-2 — less than 1 Amp
Q-50AG — 2.4 Amp
General Characteristics
Temperature Range —
-55°C to +71°C
Altitude, Max. —
Q-50J, Q-50AB-1 — 50,000 ft
Q-50AC, Q-50AG, Q-50AB-2 —
60,000 ft
Weight, Max. — 1.25 oz


同様の部品番号 - Q-50S

メーカー部品番号データシート部品情報
logo
Tyco Electronics
Q-50AC MACOM-Q-50AC Datasheet
82Kb / 1P
   HARTMAN Aerospace Power Products
Q-50B MACOM-Q-50B Datasheet
90Kb / 1P
   HARTMAN Aerospace Power Products
More results

同様の説明 - Q-50S

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
A-772 TEC-A-772 Datasheet
273Kb / 1P
   HARTMAN Sensors and Protective Devices
RA-3100 TEC-RA-3100 Datasheet
1Mb / 4P
   HARTMAN Sensors and Protective Devices
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
   SURGE PROTECTIVE DEVICES
LV-Q OKAYA-LV-Q Datasheet
107Kb / 2P
   SURGE PROTECTIVE DEVICES
R38-900-BOL OKAYA-R38-900-BOL Datasheet
101Kb / 1P
   SURGE PROTECTIVE DEVICES
RA-C6 OKAYA-RA-C6 Datasheet
253Kb / 2P
   SURGE PROTECTIVE DEVICES
RAV-BWZ-4 OKAYA-RAV-BWZ-4 Datasheet
120Kb / 2P
   SURGE PROTECTIVE DEVICES
RAV-L-A OKAYA-RAV-L-A Datasheet
70Kb / 1P
   SURGE PROTECTIVE DEVICES
RHCA4532 OKAYA-RHCA4532 Datasheet
128Kb / 2P
   SURGE PROTECTIVE DEVICES
RSPD-Q OKAYA-RSPD-Q Datasheet
98Kb / 2P
   SURGE PROTECTIVE DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com