データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5414946-3 データシート(PDF) 10 Page - Tyco Electronics

部品番号 5414946-3
部品情報  RF Coax Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

5414946-3 データシート(HTML) 10 Page - Tyco Electronics

Back Button 5414946-3 Datasheet HTML 6Page - Tyco Electronics 5414946-3 Datasheet HTML 7Page - Tyco Electronics 5414946-3 Datasheet HTML 8Page - Tyco Electronics 5414946-3 Datasheet HTML 9Page - Tyco Electronics 5414946-3 Datasheet HTML 10Page - Tyco Electronics 5414946-3 Datasheet HTML 11Page - Tyco Electronics 5414946-3 Datasheet HTML 12Page - Tyco Electronics 5414946-3 Datasheet HTML 13Page - Tyco Electronics 5414946-3 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SMB Connectors, Mini 75 Ohm (Continued)
Leg
Center Contact
Body
Part No.
Length
Plating
Plating
2.11
.083
Gold
Gold Flash
415504-2
3.05
.120
Gold
Gold
415504-3
3.05
.120
Gold
Gold Flash
415504-4
Leg
Center Contact
Body
Part No.
Length
Plating
Plating
2.79
.110
Gold
Gold
415490-1
2.79
.110
Gold
Nickel
415490-2
2.11
.083
Gold
Gold
415490-3
2.11
.083
Gold
Nickel
415490-4
Leg
Center Contact
Body
Part No.
Length
Plating
Plating
2.79
.110
Gold
Nickel
415377-1
2.79
.110
Gold
Gold
415377-2
2.79
.110
Gold
Gold
415377-5*
*Isolated.
Vertical PC Board Jacks
7.62 ± 0.18
[.300 ± .007]
Ø 3.67
[.145]
Max.
5.08 ± 0.08
[.200 ± .003]
5.08 ± 0.08
[.200 ± .003]
Ø 0.71 ± 0.08
[.028 ± .003]
Ø 1.32 ± 0.08
[.052 ± .003]
4 Plcs.
2.54 ± 0.08
[.100 ± .003]
Recommended
PC Board Layout
7.95 ± 0.25
[.313 ± .010]
5.54
[.218]
3.18
[.125]
Ø 3.71
[.146]
Max.
14.1
[.555]
5.08 ± 0.08
[.200 ± .003]
5.08 ± 0.08
[.200 ± .003]
Ø 0.71 ± 0.08
[.028 ± .003]
Ø 1.32 ± 0.08
[.052 ± .003]
4 Plcs.
2.54 ± 0.08
[.100 ± .003]
Recommended
PC Board Layout
4.50
[.177]
Ø 3.71
[.146]
2.79
[.110]
19.94
[.785]
2.36
[.093]
Panel
Thickness
Max.
Max.
11.18
[.440]
5.08 ± 0.08
[.200 ± .003]
5.08 ± 0.08
[.200 ± .003]
Ø 0.71 ± 0.08
[.028 ± .003]
Ø 1.32 ± 0.08
[.052 ± .003]
4 Plcs.
2.54 ± 0.08
[.100 ± .003]
Recommended
PC Board Layout
Right-Angle PC Board
Jacks
Right-Angle PC Board
Bulkhead Jacks
185
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
Note: Part Numbers are RoHS
compliant except:
Indicates
non-RoHS compliant.


同様の部品番号 - 5414946-3

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
5414907-1 TEC-5414907-1 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Festo Corporation.
541495 FESTO-541495 Datasheet
83Kb / 1P
   Shut off valve
3/27/22
541496 FESTO-541496 Datasheet
86Kb / 1P
   Shut off valve
3/29/22
541497 FESTO-541497 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
541498 FESTO-541498 Datasheet
86Kb / 2P
   Soft start valve
3/31/22
More results

同様の説明 - 5414946-3

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
1055497-1 MACOM-1055497-1 Datasheet
8Mb / 320P
   RF Coax Products
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
Adam Technologies, Inc.
RF101D0150 ADAM-TECH-RF101D0150 Datasheet
154Kb / 1P
   RF CONNECTORS
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com